전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6730-33CVTR 데이터시트(PDF) 9 Page - Silicon Standard Corp.

부품명 SS6730-33CVTR
상세설명  150mA Low-Noise, Low-Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730-33CVTR 데이터시트(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6730-33CVTR Datasheet HTML 4Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 5Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 6Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 7Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 8Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 9Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 10Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 11Page - Silicon Standard Corp. SS6730-33CVTR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.SiliconStandard.com
9 of 12
SS6730
LOAD REGULATION
Load regulation is the ability of the regulator to
maintain a constant output voltage as the load
current changes. To minimize temperature effects,
it is a pulsed measurement with the input voltage
set to VIN = VOUT + 1 V. The load regulation is
specified under the output current step of 0.1mA
to 150mA.
QUIESCENT CURRENT (I Q)
The quiescent current is the current flowing
through the ground pin under no load.
GROUND CURRENT (I GND)
Ground current is the current flowing through the
ground pin under loading.
STANDBY CURRENT (I STBY)
Standby current is the current flowing into the
regulator when the output is shutdown by setting
V SHDN = 0V, VIN = 8 V.
CURRENT LIMIT (I IL)
The SS6730 includes a current limiter, to
monitor
and
control
the
maximum
output
current to be 300mA typically if the output is
shorted to ground. This can protect the device
from being damaged.
THERMAL PROTECTION
The thermal sensor protects the device when the
junction temperature exceeds TJ= +155ºC. It
signals the shutdown logic, turning off the pass
transistor and allowing the IC to cool. After the
IC’s junction temperature cools by 15ºC, the
thermal sensor will turn on the pass transistor
again. Thermal protection is designed to protect
the device in the event of fault conditions. For
continuous operation do not exceed the absolute
maximum
junction-temperature
rating
of
TJ=
150ºC, or damage may occur to the device.
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors
to
maintain
stability.
The
recommended minimum value of input capacitor
is 0.22
µF. The output capacitor should be
selected within the Equivalent Series Resistance
(ESR) range shown in the graphs below for
stability. Because a ceramic capacitor’s ESR
is
lower
and
its
electrical
characteristics
(capacitance
and
ESR)
vary
widely
over
temperature, a tantalum output capacitor is
recommended, especially for heavier loads. In
general,
the
capacitor
should
be
at
least
1
µF(tantalum) and be rated for the actual
ambient operating temperature range.
Note: It is very important to check the selected
manufacturers’
electrical
characteristics
(capacitance and ESR) over temperature.
NOISE BYPASS CAPACITOR
Use a 0.1
µF bypass capacitor at BP pin for low
output voltage noise. Increasing the capacitance
up to 1
µF will decrease the output noise.
However,
values
above
1
µF provide no
performance
advantage
and
are
not
recommended.
1/26/2004 Rev.2.02


유사한 부품 번호 - SS6730-33CVTR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXBG SSC-SS6732-33CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXTR SSC-SS6732-33CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXBG SSC-SS6732-34CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXTR SSC-SS6732-34CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results

유사한 설명 - SS6730-33CVTR

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com