전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6732-38CXTR 데이터시트(PDF) 2 Page - Silicon Standard Corp.

부품명 SS6732-38CXTR
상세설명  300mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6732-38CXTR 데이터시트(HTML) 2 Page - Silicon Standard Corp.

  SS6732-38CXTR Datasheet HTML 1Page - Silicon Standard Corp. SS6732-38CXTR Datasheet HTML 2Page - Silicon Standard Corp. SS6732-38CXTR Datasheet HTML 3Page - Silicon Standard Corp. SS6732-38CXTR Datasheet HTML 4Page - Silicon Standard Corp. SS6732-38CXTR Datasheet HTML 5Page - Silicon Standard Corp. SS6732-38CXTR Datasheet HTML 6Page - Silicon Standard Corp. SS6732-38CXTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS6732
n ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
X: SOT-89
OUTPUT VOLTAGE
33: 3.3V
34: 3.4V
35: 3.5V
36: 3.6V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
Example: SS6732-33CXTR
à 3.3V Version, in SOT-89 Package
in Tape & Reel Packing
PIN CONFIGURATION
SOT-89
FRONT VIEW
1. GND
2. VIN
3. VOUT
1
2
3
n ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage...................................................………… ..…… .................... -0.3~12V
Operating Junction Temperature Range .....……… ........………… ................ -40
°C~ 125°C
Storage Temperature Range ....................…… ......................……… .............. -65
°C~150°C
Power Dissipation
SOT-89 Package ....… ...… ................. 0.5W
n TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
SS6732-XXCXXX
Rev.2.01 6/26/2003


유사한 부품 번호 - SS6732-38CXTR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CQTR SSC-SS6730-18CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-18CVTR SSC-SS6730-18CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CQTR SSC-SS6730-285CQTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
SS6730-285CVTR SSC-SS6730-285CVTR Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
More results

유사한 설명 - SS6732-38CXTR

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com