전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS6729-3019CSTB 데이터시트(PDF) 3 Page - Silicon Standard Corp.

부품명 SS6729-3019CSTB
상세설명  400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6729-3019CSTB 데이터시트(HTML) 3 Page - Silicon Standard Corp.

  SS6729-3019CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS6729-3019CSTB Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS6729
ABSOLUTE MAXIMUM RATINGS
 # 0 $5<;
'!3!/ 0& °(<;°(
!/06°(<+ °(
!/θ
(=4+ °(>:
(=4"5?(%2 °(>:
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VIN = 5.0V, IOUT1 = IOUT2 = 400mA,
SD1 = SD2 = low, unless otherwise specified)
%&'((&
()*)*
'*
+%
',
-*
)(
@ $+!'<* !'
@ $+!'<& !'
 @&$ <;$ 
+,
,
µ'
!
(#
"A+%
+
==>°
)-
 /
 @$ 
5*
&
!Ω
(!"A5%
*
2
!'
0/#
+
µs
0/!
+
µs
 @B B
$;
+=
 @B+B
,$&

)-. /   $
 
A
 ×
$2;
  ×
+$ ,

/
@+!' @&$ <;$ 
5
+
!
/
"A,%
 @@ $+!'<& !'

2
!
(!
"A5%
&
6
!'
Rev.2.02 3/21/2004


유사한 부품 번호 - SS6729-3019CSTB

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6721-50GXTR SSC-SS6721-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-50GZTR SSC-SS6721-50GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GXTR SSC-SS6721-GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GZTR SSC-SS6721-GZTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721D-50GXTR SSC-SS6721D-50GXTR Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
More results

유사한 설명 - SS6729-3019CSTB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
   400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com