전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS8014G 데이터시트(PDF) 2 Page - Silicon Standard Corp.

부품명 SS8014G
상세설명  150mA Low-Noise LDO Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8014G 데이터시트(HTML) 2 Page - Silicon Standard Corp.

  SS8014G Datasheet HTML 1Page - Silicon Standard Corp. SS8014G Datasheet HTML 2Page - Silicon Standard Corp. SS8014G Datasheet HTML 3Page - Silicon Standard Corp. SS8014G Datasheet HTML 4Page - Silicon Standard Corp. SS8014G Datasheet HTML 5Page - Silicon Standard Corp. SS8014G Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
ABSOLUTE MAXIMUM RATINGS
VIN to GND.............................................................. -0.3V to +7V
Output Short-Circuit Duration………………….….Infinite
SET to GND.……………………………..…..-0.3V to +7V
SHDN
to GND…………………..………….-0.3V to +7V
SHDN
to IN….…………………..…………..-7V to +0.3V
OUT to GND…………………………-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT23-5…………….………………………...…..568 mW
Operating Temperature Range………....-40°C to +85°C
Junction Temperature……………………….……+150°C
θ
JA….…..……………….…….……….…..…..220°C/Watt
Storage Temperature Range…………..-65°C to +160°C
Lead Temperature (soldering, 10sec)..………….+300°C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VIN = VOUT +1V;
SHDN
V
= VIN; CIN = COUT = 1µF = TA = TJ = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS
Input Voltage (Note 2)
VIN
Note2
5.5
V
Output Voltage Accuracy
VOUT
Variation from specified VOUT, IOUT=1mA
-3
3
%
Adjustable Output Voltage Range (Note 3)
VOUT
2.5
5.5
V
Maximum Output Current
150
mA
Current Limit
ILIM
VOUT = 0V
250
370
mA
Quiescent Current
IQ
ILOAD = 0mA
52
80
µA
IOUT = 1mA
2
IOUT = 50mA
100
Dropout Voltage (Note 3)
VDROP
IOUT =150mA
340
410
mV
Line Regulation
∆V
LNR
VIN=VO +0.1V to 5.5V, IOUT = 1mA
0.1
0.4
%/V
Load Regulation
∆V
LDR
IOUT = 0mA to 150mA
8
30
mV
Output Voltage Temperature Coefficient
∆V
O / ∆T
IOUT = 40mA, TJ = 25°C to 125°C
40
ppm/°C
CADJ = 470pF
192
Output Voltage Noise (10HZ to 100KHZ)
en
IL = 150mA
CADJ = 10nF
170
µVRMS
SHUTDOWN
VIH
Regulator enabled
2
SHDN
Input Threshold
VIL
Regulator shutdown
0.4
V
SHDN
Input Bias Current
ISHDN
V SHDN = VIN
TA = +25°C
0.007
0.1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
0.06
1
µA
ADJ INPUT
ADJ Input Leakage Current
IADJ
VADJ = 1.3V
TA = +25°C
5
30
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
150
°C
Thermal Shutdown Hysteresis
∆T
SHDN
15
°C
Note 1: Limits are 100% production tested at TA= +25°C. Low duty pulse techniques are used during tests
to maintain junction temperatures as close to ambient as possible.
Note 2: VIN (min) = VOUT +VDROP.
Note 3: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT
+2V.
1/12/2005 Rev.2.11
SS8014G


유사한 부품 번호 - SS8014G

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-25GTR SSC-SS8014-25GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
SS8014-27GTR SSC-SS8014-27GTR Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
More results

유사한 설명 - SS8014G

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com