전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS8047GT44TR 데이터시트(PDF) 8 Page - Silicon Standard Corp.

부품명 SS8047GT44TR
상세설명  2.5V 1A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8047GT44TR 데이터시트(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8047GT44TR Datasheet HTML 3Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 4Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 5Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 6Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 7Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 8Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 9Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 10Page - Silicon Standard Corp. SS8047GT44TR Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.SiliconStandard.com
8 of 11
Rev.2.02 7/6/2004
SS8047
Package Information
TO-220 (T3) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
4.318
4.826
0.170
0.190
A1
2.46
2.72
0.097
0.107
b
0.69
0.94
0.027
0.037
b1
1.143
1.397
0.045
0.055
C
0.304
0.460
0.012
0.018
D
3.429
3.683
0.135
0.145
D1
8.53
9.04
0.336
0.356
d
2.62
2.87
0.103
0.113
E
9.906
10.40
0.390
0.410
E1
2.84
5.13
0.112
0.202
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
F
1.143
1.397
0.045
0.055
I
3.454
3.962
0.136
0.156
L
13.589
14.351
0.535
0.565
E
R
E1
E1
D
d
I
L
e
b
b1
e1
A
F
D1
C
A1
The SS8047 is only available with Pb-free lead finish.


유사한 부품 번호 - SS8047GT44TR

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
More results

유사한 설명 - SS8047GT44TR

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com