전자부품 데이터시트 검색엔진 |
|
SS8038L308GT73 데이터시트(PDF) 4 Page - Silicon Standard Corp. |
|
SS8038L308GT73 데이터시트(HTML) 4 Page - Silicon Standard Corp. |
4 / 9 page www.SiliconStandard.com 4 of 9 ABSOLUTE MAXIMUM RATINGS All terminal voltages with respect to GND VCC.……………………………..…….…….-0.3V to +6.0V RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V) RESET (open drain)...….......................-0.3V to +6.0V Input Current, VCC ............................….................20mA Output Current, RESET, RESET ........................20mA Continuous Power Dissipation (TA = +70°C) 3-Pin SOT23 (derate 4mW/°C above +70°C)….320mW Operating Temperature Range …........-40°C to +105°C Storage Temperature Range..….….….-65°C to +150°C Lead Temperature (soldering, 10s) ..…....…......+300°C Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS (VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1) PARAMETER SYMBOL CONDITION MIN TYP MAX UNITS TA = 0°C +70°C 1.0 5.5 VCC Range TA = -40°C +105°C 1.2 5.5 V VCC<5.5V, 803xx463/438/400x 22 30 Supply Current (SOT-23) ICC TA = -40°C +105°C VCC<3.6V, 803xx308/293/263x 10 23 µA TA = +25°C 4.56 4.63 4.70 TA = -40°C to +85°C 4.50 4.75 SS803xx463x TA = +85°C to +105°C 4.40 4.86 TA = +25°C 4.31 4.38 4.45 TA = -40°C to +85°C 4.25 4.50 SS803xx438x TA = +85°C to +105°C 4.16 4.56 TA = +25°C 3.93 4.00 4.06 TA = -40°C to +85°C 3.89 4.10 SS803xx400x TA = +85°C to +105°C 3.80 4.20 TA = +25°C 3.04 3.08 3.11 TA = -40°C to +85°C 3.00 3.15 SS803xx308x TA = +85°C to +105°C 2.92 3.23 TA = +25°C 2.89 2.93 2.96 TA = -40°C to +85°C 2.85 3.00 SS803xx293x TA = +85°C to +105°C 2.78 3.08 TA = +25°C 2.59 2.63 2.66 TA = -40°C to +85°C 2.55 2.70 Reset Threshold VTH SS803xx263x TA = +85°C to +105°C 2.50 2.76 V SS8037/8(G) 10/6/2004 Rev.2.20 |
유사한 부품 번호 - SS8038L308GT73 |
|
유사한 설명 - SS8038L308GT73 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |