전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS8117GT633TB 데이터시트(PDF) 6 Page - Silicon Standard Corp.

부품명 SS8117GT633TB
상세설명  1A Adjustable Low-Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8117GT633TB 데이터시트(HTML) 6 Page - Silicon Standard Corp.

  SS8117GT633TB Datasheet HTML 1Page - Silicon Standard Corp. SS8117GT633TB Datasheet HTML 2Page - Silicon Standard Corp. SS8117GT633TB Datasheet HTML 3Page - Silicon Standard Corp. SS8117GT633TB Datasheet HTML 4Page - Silicon Standard Corp. SS8117GT633TB Datasheet HTML 5Page - Silicon Standard Corp. SS8117GT633TB Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.SiliconStandard.com
6 of 6
SS8117G
SOT-223 (GT6) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
a
10º
10º
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
1 3
°(4X)
L2
L
Feed Direction
SOT 223 Package Orientation
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
5/26/2005 Rev.2.2


유사한 부품 번호 - SS8117GT633TB

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
SS811-23CV SSC-SS811-23CV Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
SS811-23CVTR SSC-SS811-23CVTR Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
SS811-26CV SSC-SS811-26CV Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
SS811-26CVTR SSC-SS811-26CVTR Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
More results

유사한 설명 - SS8117GT633TB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com