전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS62951D-50CNTB 데이터시트(PDF) 7 Page - Silicon Standard Corp.

부품명 SS62951D-50CNTB
상세설명  150mA/ 300mA Low Dropout Linear Regulatror
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSC [Silicon Standard Corp.]
홈페이지  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS62951D-50CNTB 데이터시트(HTML) 7 Page - Silicon Standard Corp.

Back Button SS62951D-50CNTB Datasheet HTML 2Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 3Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 4Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 5Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 6Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 7Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 8Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 9Page - Silicon Standard Corp. SS62951D-50CNTB Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.SiliconStandard.com
7 of 10
SS62951/D

!"
BLOCK DIAGRAM

















 













!"
PIN DESCRIPTIONS
$4: 5( /!
$4: '4'3 )) /8 ,,#
/ )/)#/6/#!
$4: C4 0#/!
$4>: "4 $"4!

$4:  # /  )!
$4?: ($
   /  )/) #/
6/#!
$4A: &*
'  //)//6#1 ,<)
* ,</   
$4;: 4
$) -/

!"
APPLICATION INFORMATIONS
  
 µ&     ,  ,/ /) D/# 1
066 ##
) 1/ /-!./00/),  ,/0 / )
,/ ! '6 00 ) -)  ,  ,/  -
<8 /  /  , -/, - /) )#8 0
D/6 )/))/) ,'3 )0 #10 #
 Ω  ))! % -  /  , -/,) 0 6
 , -) 0  7  1 °8 ) ) /#
 ) ,## /1 
°! (0 6   0/) ,  ,/  - 1 /
, )#/0 //!

(0,  ,/ ,D/#) 1/ /-6 /)
/06 ) 0/06 
  #  , )    
,) !0), ))/ / 
 # !)0#&*/  
!µ& ,  ,/)0 #1)#!

!µ&,  ,/)0 #1 ,#0
6
/#/0  #/#,
, 1 0 / #  ), 9
,#) C  9/  -  /,0)   , !
4/) /B,/ / 0 #1 ,< /   0
6   1- /) ),)
,  ))0!(0/) -),/ -1
 1  0 )/ 0/0 6  9  )/)
))06 !##/ &, 
 ,/1 ##1 ,< #/, )
Rev.2.01 6/26/2003


유사한 부품 번호 - SS62951D-50CNTB

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
SS62 FRONTIER-SS62 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS62 ASEMI-SS62 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
SS62003CNTB SSC-SS62003CNTB Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
More results

유사한 설명 - SS62951D-50CNTB

제조업체부품명데이터시트상세설명
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com