전자부품 데이터시트 검색엔진 |
|
SMAJ7.5 데이터시트(PDF) 3 Page - Changzhou Shunye Electronics Co.,Ltd. |
|
SMAJ7.5 데이터시트(HTML) 3 Page - Changzhou Shunye Electronics Co.,Ltd. |
3 / 4 page ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted) SMAJ33 SMAJ33A SMAJ36 SMAJ36A SMAJ40 SMAJ40A SMAJ43 SMAJ43A SMAJ45 SMAJ45A SMAJ48 SMAJ48A SMAJ51 SMAJ51A SMAJ54 SMAJ54A SMAJ58 SMAJ58A SMAJ60 SMAJ60A SMAJ64 SMAJ64A SMAJ70 SMAJ70A SMAJ75 SMAJ75A SMAJ78 SMAJ78A SMAJ85 SMAJ85A SMAJ90 SMAJ90A SMAJ100 SMAJ100A SMAJ110 SMAJ110A SMAJ120 SMAJ120A SMAJ130 SMAJ130A SMAJ150 SMAJ150A SMAJ160 SMAJ160A SMAJ170 SMAJ170A Device Devlce Marking Code UNI BI Test Current IT(mA) Maximum Reverse Leakage a VWM ID(mA) Maximum Peak Puls Reverse Current IPPM(NOTE5) (Amps) Maximum Clamping Voltage at IPPM Vc (Volts)(NOTE5) Breakdown Voltage V(BR) (Volts) at IT MIN MAX Working Peak Reverse Voltage VWM(Volts) 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.4 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.1 5.6 4.7 5.2 4.2 4.7 3.9 4.3 3.7 4.1 3.5 3.9 3.3 3.6 3.1 3.4 2.9 3.2 2.8 3.1 2.6 2.9 2.4 2.7 2.2 2.5 2.2 2.4 2.0 2.2 1.9 2.1 1.7 1.9 1.5 1.7 1.4 1.6 1.3 1.4 1.1 1.2 1.0 1.2 0.99 1.09 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ RD RE RF RG RH RK RL RM RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR YL YM YN YP YQ YR YS YT YU YV YW YX YY YZ ZD ZE ZF ZG ZH ZK ZL ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ VD VE VF VG VH VK VL VM VN VP VQ VR NOTES: 1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent 2.Surge current waveform per Fig.3 and derated per Fig.2 3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled 4.All items and symbols are consistent with ANSI/IEEE C62.35 5.Peak pulse power waveform is 10/1000ms www.shunyegroup.com |
유사한 부품 번호 - SMAJ7.5 |
|
유사한 설명 - SMAJ7.5 |