전자부품 데이터시트 검색엔진 |
|
CS01JTREWR010 데이터시트(PDF) 8 Page - Token Electronics Industry Co., Ltd. |
|
CS01JTREWR010 데이터시트(HTML) 8 Page - Token Electronics Industry Co., Ltd. |
8 / 8 page 08 of 08 How to Order 12 J TR CS G A R100 N Code Dimensions (L×W) 01 0.58×0.29 0201 02 1.00×0.50mm 0402 03 1.60×0.80mm 0603 05 2.00×1.25mm 0805 06 3.10×1.55mm 1206 13 3.00×2.50 1210 10 5.00×2.50mm 2010 12 6.30×3.10mm 2512 25 3.10×6.30mm 1225 37 3.75×2.00mm 3720 75 7.50×2.00mm 7520 Part Number Dimensions (L×W) Code Resistance Tolerance J ±5% G ±2% F ±1% Resistance Tolerance Packaging Code Packaging TR Taping Reel P Bulk TCR Code TCR E ±100ppm/°C K ±150ppm/°C F ±200ppm/°C G ±300ppm/°C H ±400ppm/°C J ±600ppm/°C R ±1000ppm/°C Power Rating Code Power Rating S 2W A 1.5W T 1W Q 3/4W U 1/2W V 1/4W W 1/8W Resistance Code Resistance R010 0.01Ω R100 0.100Ω 1R00 1.000Ω Marking Code Resistance Standard N No Marking CS Current Detecting Chip Resistors TOKEN http://www.token.com.tw/ rfq token.com.tw Back to 1st Page - Surface Mount Current Detecting Resistors (CS) Version 2010 |
유사한 부품 번호 - CS01JTREWR010 |
|
유사한 설명 - CS01JTREWR010 |