전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1PS70SB84 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 1PS70SB84
상세설명  Schottky barrier (double) diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

1PS70SB84 데이터시트(HTML) 4 Page - NXP Semiconductors

  1PS70SB84 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB84 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2001 Jan 18
4
NXP Semiconductors
Product data sheet
Schottky barrier (double) diodes
1PS70SB82; 1PS70SB84;
1PS70SB85; 1PS70SB86
handbook, halfpage
1.6
0
0.4
0.8
103
102
10
1
MGT835
1.2
VF (V)
IF
(mA)
(2)
(1)
(3)
(2)
(1)
(3)
Fig.6
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
05
10
VR (V)
IR
(
μA)
15
MGT836
103
102
10
1
10−1
10−2
(2)
(1)
(3)
Fig.7
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
0
1
0.8
0.6
0.4
2
Cd
(pF)
10
MGT837
468
VR (V)
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb = 25 °C.
handbook, halfpage
103
10
102
1
MGT838
10−1
1
r
D
(
Ω)
10
IF (mA)
102
Fig.9
Differential diode forward resistance as a
function of forward current; typical values.
f = 1 MHz; Tamb = 25 °C.


유사한 부품 번호 - 1PS70SB84

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
1PS70SB84 KEXIN-1PS70SB84 Datasheet
45Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
1PS70SB84 NXP-1PS70SB84 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Nexperia B.V. All right...
1PS70SB84 NEXPERIA-1PS70SB84 Datasheet
277Kb / 8P
   Schottky barrier (double) diodes
2001 Jan 18
More results

유사한 설명 - 1PS70SB84

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com