전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT544DB 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74ABT544DB
상세설명  Octal latched transceiver with dual enable; inverting; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT544DB 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT544DB Datasheet HTML 4Page - NXP Semiconductors 74ABT544DB Datasheet HTML 5Page - NXP Semiconductors 74ABT544DB Datasheet HTML 6Page - NXP Semiconductors 74ABT544DB Datasheet HTML 7Page - NXP Semiconductors 74ABT544DB Datasheet HTML 8Page - NXP Semiconductors 74ABT544DB Datasheet HTML 9Page - NXP Semiconductors 74ABT544DB Datasheet HTML 10Page - NXP Semiconductors 74ABT544DB Datasheet HTML 11Page - NXP Semiconductors 74ABT544DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74ABT544_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
8 of 15
NXP Semiconductors
74ABT544
Octal latched transceiver with dual enable; inverting; 3-state
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay latch enable (LEAB, LEBA) to output (An, Bn)
001aac761
VOL
VOH
VI
VM
VM
tPLH
tPHL
VM
VM
GND
LEBA, LEAB
An, Bn
VM = 1.5 V
VOH is a typical voltage output level that occurs with the output load.
Fig 7.
Propagation delay 3-state output enable to HIGH-level and output disable from HIGH-level
001aae907
VM
VM
VOH − 0.3 V
VOH
GND
VI
GND
VM
tPHZ
tPZH
An, Bn
OEAB, OEBA,
EAB, EBA
VM = 1.5 V
VOL is a typical voltage output level that occurs with the output load.
Fig 8.
Propagation delay 3-state output enable to LOW-level and output disable from LOW-level
001aae906
VM
VM
3.5 V
VOL + 0.3 V
VM
tPLZ
tPZL
An, Bn
OEAB, OEBA,
EAB, EBA
VOL
VI
GND


유사한 부품 번호 - 74ABT544DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT544DB PHILIPS-74ABT544DB Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544DB PHILIPS-74ABT544DB Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
More results

유사한 설명 - 74ABT544DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT620 PHILIPS-74ABT620 Datasheet
47Kb / 11P
   Octal transceiver with dual enable, inverting 3-State
1993 Jun 21
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com