전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT162244 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74ABT162244
상세설명  16-bit buffer/line driver with 30 W series termination resistors; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT162244 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT162244 Datasheet HTML 5Page - NXP Semiconductors 74ABT162244 Datasheet HTML 6Page - NXP Semiconductors 74ABT162244 Datasheet HTML 7Page - NXP Semiconductors 74ABT162244 Datasheet HTML 8Page - NXP Semiconductors 74ABT162244 Datasheet HTML 9Page - NXP Semiconductors 74ABT162244 Datasheet HTML 10Page - NXP Semiconductors 74ABT162244 Datasheet HTML 11Page - NXP Semiconductors 74ABT162244 Datasheet HTML 12Page - NXP Semiconductors 74ABT162244 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74ABT162244_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 9 April 2009
9 of 14
NXP Semiconductors
74ABT162244
16-bit buffer/line driver with 30
Ω series termination resistors; 3-state
12. Test information
VM = 1.5 V.
a. Input pulse definition
Test data is given in Table 8.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
b. Test circuit for 3-state outputs
Fig 7.
Load circuitry for switching times
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tf
tr
tr
tf
001aac764
VCC
VI
VO
VEXT
RT
RL
RL
CL
PULSE
GENERATOR
DUT
Table 8.
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPHZ, tPZH
tPLZ, tPZL
tPLH, tPHL
3.0 V
1 MHz
500 ns
2.5 ns
50 pF
500
open
7.0 V
open


유사한 부품 번호 - 74ABT162244

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
Fairchild Semiconductor
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results

유사한 설명 - 74ABT162244

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
74ABT162244 NXP-74ABT162244_10 Datasheet
146Kb / 15P
   16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Rev. 05-25 May 2010
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com