전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA35-CBT6F100C0 데이터시트(PDF) 3 Page - Schurter Inc.

부품명 TA35-CBT6F100C0
상세설명  IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-CBT6F100C0 데이터시트(HTML) 3 Page - Schurter Inc.

  TA35-CBT6F100C0 Datasheet HTML 1Page - Schurter Inc. TA35-CBT6F100C0 Datasheet HTML 2Page - Schurter Inc. TA35-CBT6F100C0 Datasheet HTML 3Page - Schurter Inc. TA35-CBT6F100C0 Datasheet HTML 4Page - Schurter Inc. TA35-CBT6F100C0 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Power entry modules without line filter
635
www.schurter.com/pg05
Connectors
Rated current In (A)
Other rated currents on request
In
Code
1,0
J10
2,0
J20
4,0
040
5,0
050
6,0
060
In
Code
8,0
080
10,0
100
12,0
120*
15,0
150*
F
120
C0
No other
features
F embossed
H printed
white
K printed
black
L printed
white
M printed
black
Surface
Illustration
Colour of print
Rocker legend
Other legends on request
Colours
Switch front
Rocker
non-illuminated
illuminated
W
black
white
B
black
black
3
black
red transparent
4
black
green transparent
6
black
orange transparent
Other colours on request
CBD
W
TA35-
ORDER CODE
Switch
without
CBT
CBD
illumination
Switch
illuminated
240 V
C12
C32
120 V
C14
C34
Other versions on request
Table 1 Selection for type TA35
Order example
Position of the rocker
legend e.g. F
LINE
LOAD
LINE
LOAD
Number of switched poles
2-pole
Number of protected poles
1
2
*) UL / CSA only


유사한 부품 번호 - TA35-CBT6F100C0

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA35-CBT6FJ10 SCHURTER-TA35-CBT6FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

유사한 설명 - TA35-CBT6F100C0

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
6135 SCHURTER-6135_18 Datasheet
745Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
6135 SCHURTER-6135_V02 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
08.12.2021
6135 SCHURTER-6135_V01 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
DG11 SCHURTER-DG11_V01 Datasheet
847Kb / 8P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
08.12.2021
DG11 SCHURTER-DG11 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
DG12 SCHURTER-DG12 Datasheet
999Kb / 12P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA35 (recessed)
04.01.2022
6136_1809 SCHURTER-6136_1809 Datasheet
531Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_18 Datasheet
712Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136 Datasheet
536Kb / 5P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_V01 Datasheet
401Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com