전자부품 데이터시트 검색엔진 |
|
74AHC3GU04DC 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
74AHC3GU04DC 데이터시트(HTML) 11 Page - NXP Semiconductors |
11 / 15 page 74AHC3GU04_4 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 04 — 7 January 2010 11 of 15 NXP Semiconductors 74AHC3GU04 Inverter Fig 16. Package outline SOT765-1 (VSSOP8) UNIT A1 A max. A2 A3 bp L HE Lp wy v ce D(1) E(2) Z(1) θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 ° 0 ° 0.13 0.1 0.2 0.4 DIMENSIONS (mm are the original dimensions) Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 Q 0.21 0.19 SOT765-1 MO-187 02-06-07 w M bp D Z e 0.12 14 8 5 θ A2 A1 Q Lp (A3) detail X A L HE E c v M A X A y 2.5 5 mm 0 scale VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1 1 pin 1 index |
유사한 부품 번호 - 74AHC3GU04DC |
|
유사한 설명 - 74AHC3GU04DC |