전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT244D 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AHCT244D
상세설명  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT244D 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AHCT244D Datasheet HTML 1Page - NXP Semiconductors 74AHCT244D Datasheet HTML 2Page - NXP Semiconductors 74AHCT244D Datasheet HTML 3Page - NXP Semiconductors 74AHCT244D Datasheet HTML 4Page - NXP Semiconductors 74AHCT244D Datasheet HTML 5Page - NXP Semiconductors 74AHCT244D Datasheet HTML 6Page - NXP Semiconductors 74AHCT244D Datasheet HTML 7Page - NXP Semiconductors 74AHCT244D Datasheet HTML 8Page - NXP Semiconductors 74AHCT244D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74AHC_AHCT244_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 20 December 2007
5 of 16
NXP Semiconductors
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74AHC244
74AHCT244
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
∆t/∆V
input transition rise
and fall rate
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC244
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND;
VCC = 5.5 V
--
±0.25
-
±2.5
-
±10.0
µA
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
-
40
-
80
µA


유사한 부품 번호 - 74AHCT244D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT244D PHILIPS-74AHCT244D Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHCT244D NXP-74AHCT244D Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHCT244D NEXPERIA-74AHCT244D Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHCT244D-Q100 NEXPERIA-74AHCT244D-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
More results

유사한 설명 - 74AHCT244D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com