전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC32BQ 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74ALVC32BQ
상세설명  Quad 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32BQ 데이터시트(HTML) 3 Page - NXP Semiconductors

  74ALVC32BQ Datasheet HTML 1Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 2Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 3Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 4Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 5Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 6Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 7Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 8Page - NXP Semiconductors 74ALVC32BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74ALVC32_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
3 of 13
NXP Semiconductors
74ALVC32
Quad 2-input OR gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level
L = LOW voltage level
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (power-down mode), the output voltage can be 3.6 V in normal operation.
[3]
For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
nA
1, 4, 9, 12
data input
nB
2, 5, 10, 13
data input
nY
3, 6, 8, 11
data output
VCC
14
supply voltage
GND
7
ground (0 V)
Table 3.
Function table[1]
Input nA
Input nB
Output nY
LLL
LH
H
HL
H
HHH
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
output HIGH or LOW state
[1] [2]
−0.5
VCC + 0.5
V
output 3-state
−0.5
+4.6
V
power-down mode, VCC = 0 V
[2]
−0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
[3]
-
500
mW


유사한 부품 번호 - 74ALVC32BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74ALVC32BQ NEXPERIA-74ALVC32BQ Datasheet
232Kb / 12P
   Quad 2-input OR gate
Rev. 5 - 30 April 2021
74ALVC32BQ-Q100 NEXPERIA-74ALVC32BQ-Q100 Datasheet
732Kb / 15P
   Quad 2-input OR gate
More results

유사한 설명 - 74ALVC32BQ

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com