전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G14GW 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AUP1G14GW
상세설명  Low-power Schmitt trigger inverter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G14GW 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G14GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G14GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74AUP1G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 July 2009
7 of 19
NXP Semiconductors
74AUP1G14
Low-power Schmitt trigger inverter
12. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
19.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
5.9
11.0
2.4
11.1
11.2
ns
VCC = 1.4 V to 1.6 V
2.6
4.3
6.6
2.4
7.1
7.4
ns
VCC = 1.65 V to 1.95 V
2.1
3.7
5.4
2.0
6.0
6.2
ns
VCC = 2.3 V to 2.7 V
2.0
3.0
4.1
1.7
4.5
4.7
ns
VCC = 3.0 V to 3.6 V
1.9
2.8
3.6
1.5
3.9
4.0
ns
CL = 10 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
23.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.9
6.8
12.7
2.8
12.8
12.9
ns
VCC = 1.4 V to 1.6 V
2.8
5.0
7.7
2.6
8.2
8.6
ns
VCC = 1.65 V to 1.95 V
2.7
4.2
6.2
2.5
6.7
7.1
ns
VCC = 2.3 V to 2.7 V
2.3
3.6
4.8
2.1
5.2
5.5
ns
VCC = 3.0 V to 3.6 V
2.1
3.3
4.3
2.0
4.5
4.7
ns
CL = 15 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
26.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.3
7.6
14.3
3.0
14.5
14.7
ns
VCC = 1.4 V to 1.6 V
3.3
5.5
8.6
2.9
9.4
9.8
ns
VCC = 1.65 V to 1.95 V
2.8
4.7
7.0
2.8
7.7
8.1
ns
VCC = 2.3 V to 2.7 V
2.7
4.0
5.5
2.4
5.9
6.2
ns
VCC = 3.0 V to 3.6 V
2.6
3.8
4.8
2.2
5.2
5.4
ns
CL = 30 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
37.3
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.0
9.8
18.7
3.9
19.6
20.0
ns
VCC = 1.4 V to 1.6 V
3.7
7.1
11.2
3.8
12.3
12.9
ns
VCC = 1.65 V to 1.95 V
3.6
6.0
9.1
3.6
10.0
10.6
ns
VCC = 2.3 V to 2.7 V
3.5
5.2
6.9
3.2
7.5
7.9
ns
VCC = 3.0 V to 3.6 V
3.3
4.8
6.1
3.1
7.1
7.4
ns


유사한 부품 번호 - 74AUP1G14GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G14GW PHILIPS-74AUP1G14GW Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14GW NXP-74AUP1G14GW Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G14GW NEXPERIA-74AUP1G14GW Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
More results

유사한 설명 - 74AUP1G14GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AXP1G14 PHILIPS-74AXP1G14_15 Datasheet
348Kb / 17P
   Low-power Schmitt trigger inverter
Rev. 1-28 August 2014
logo
Nexperia B.V. All right...
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com