전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G38 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AUP1G38
상세설명  Low-power 2-input NAND gate (open drain)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G38 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AUP1G38 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G38 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74AUP1G38_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 June 2009
4 of 15
NXP Semiconductors
74AUP1G38
Low-power 2-input NAND gate (open drain)
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
+20
mA
ICC
supply current
-
+50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode and Power-down mode
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× VCC --
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V


유사한 부품 번호 - 74AUP1G38

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
NXP Semiconductors
74AUP1G386 NXP-74AUP1G386 Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74AUP1G386GF NXP-74AUP1G386GF Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
74AUP1G386GM NXP-74AUP1G386GM Datasheet
93Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 03-2 July 2009
More results

유사한 설명 - 74AUP1G38

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
74AUP2G38 NXP-74AUP2G38 Datasheet
501Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 04-8 October 2009
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
   Quad 2-Input NAND Gate (open drain)
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com