전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G57GW 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AUP1G57GW
상세설명  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G57GW 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G57GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74AUP1G57_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 June 2009
9 of 19
NXP Semiconductors
74AUP1G57
Low-power configurable multiple function gate
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
All specified values are the average typical values over all stated loads.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
CL = 30 pF
tpd
propagation delay
A, B and C to Y;
see Figure 12
[2]
VCC = 0.8 V
-
37.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.6
10.4
20.9
3.9
21.8
22.3
ns
VCC = 1.4 V to 1.6 V
3.6
7.4
12.2
3.8
13.4
14.1
ns
VCC = 1.65 V to 1.95 V
3.5
6.2
9.9
3.1
11.1
11.8
ns
VCC = 2.3 V to 2.7 V
3.4
5.2
7.4
3.1
8.3
8.8
ns
VCC = 3.0 V to 3.6 V
3.2
4.9
6.6
2.8
7.0
7.4
ns
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3][4]
VCC = 0.8 V
-
2.6
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.8
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.9
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.1
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.7
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.3
-
-
-
-
pF
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


유사한 부품 번호 - 74AUP1G57GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G57GW PHILIPS-74AUP1G57GW Datasheet
82Kb / 22P
   Low-power configurable multiple function gate
Rev. 01.-16 January 2006
74AUP1G57GW NXP-74AUP1G57GW Datasheet
190Kb / 22P
   Low-power configurable multiple function gate
Rev. 4-20 July 2010
logo
Nexperia B.V. All right...
74AUP1G57GW NEXPERIA-74AUP1G57GW Datasheet
294Kb / 20P
   Low-power configurable multiple function gate
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74AUP1G57GWAC NXP-74AUP1G57GWAC Datasheet
190Kb / 22P
   Low-power configurable multiple function gate
Rev. 4-20 July 2010
More results

유사한 설명 - 74AUP1G57GW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com