전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G373GF 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74AUP1G373GF
상세설명  Low-power D-type transparent latch; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G373GF 데이터시트(HTML) 3 Page - NXP Semiconductors

  74AUP1G373GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G373GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
74AUP1G373_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 9 January 2008
3 of 22
NXP Semiconductors
74AUP1G373
Low-power D-type transparent latch; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
h = HIGH voltage level one setup time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
l = LOW voltage level one setup time prior to the HIGH-to-LOW LE transition;
X = Don’t care;
Z = high-impedance OFF-state.
Fig 4.
Pin configuration SOT363
(SC-88)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1G373
LE
OE
GND
DQ
001aae250
1
2
3
6
VCC
5
4
74AUP1G373
GND
001aae251
LE
D
VCC
OE
Q
Transparent top view
2
3
1
5
4
6
74AUP1G373
GND
001aae252
LE
D
VCC
OE
Q
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
LE
1
latch enable input (active HIGH)
GND
2
ground (0 V)
D
3
data input
Q
4
latch output
VCC
5
supply voltage
OE
6
output enable input (active LOW)
Table 4.
Function table[1]
Operating modes
Input
Internal latch
Output
OE
LE
D
Q
Enable and read register (transparent
mode)
LH
LL
L
LH
H
H
H
Latch and read register
L
L
l
L
L
LLhH
H
Latch register and disable outputs
H
X
X
X
Z


유사한 부품 번호 - 74AUP1G373GF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G373GF PHILIPS-74AUP1G373GF Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
More results

유사한 설명 - 74AUP1G373GF

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com