전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-013 데이터시트(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 PD-013
상세설명  Start into stepper motor motion systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-013 데이터시트(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD-013_1 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD-013_1 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © 2006, TRINAMIC Motion Control GmbH & Co. KG
www.trinamic.com
Start into stepper motor motion systems
Italic and green lines can be neglected for the PD-013
Your PD-013 or TMCM-013 stepper motor
controller and driver module
A stepper motor with 1A RMS coil current
RS232 or USB to RS 485 converter with
cables
Step / Direction generator (+5V /0V output)
DC Power supply in the range 12V to 24V
Hyperterminal program, PC
Equipment to connect motor and TMCM-
013, maybe soldering tools.
Do not reverse the power supply polarity – module
could be destroyed!
Do not connect or disconnect the motor while powered
Do not mix up connections or short-circuit pins
Avoid bundling IO wires with motor power wires, as this
may cause noise pickup from the motor.
Do not exceed the maximum power supply of 24V.
If mechanically attaching the TMCM-013 to a motor
leave at least a 5mm gap for air cooling.
Start with power supply OFF.
1. Connect RS485 Converter to PC via RS232
2. Connect TMCM-013 to RS485 Converter
RS485 GND to pin 14 (recommended)
RS485 + to pin 15
RS485 – to pin 16
3. Connect power supply to TMCM-013
Power supply (+) to pin 1
Ground (GND) to pin 2
4.
Connect stepper motor to 4 pin connector
5. Turn power ON. The motor is powered but in standstill. If
this does not occur switch power OFF and check your
connections and power supply.
6. Start HyperTerminal program (see other side of the sheet
for parameters).
7. Issue following commands:
AA 400 <ENTER>
-- acceleration
AV 50000 <ENTER>
-- move with constant velocity
AV 0 <ENTER>
-- stop motor
8. If Step / Direction interface is desired connect
+5V power supply (e.g. pin 12) to pin 3 (VCOM).
Step signal to pin 6 (0V / 5V signal analogical to VCOM).
Direction signal to pin 5 (0V / 5V signal)
GND (e.g. pin 10) to generator GND.
9. For Step / Direction the acceleration has to be set to 0
(default)
→ AA 0 <ENTER>.
Start Step signal (max. 5V, 250kHz). The motor turns. Try
out different frequencies and directions.
First steps are made. For other commands see the
second page. For full functionality of the TMCM-013 refer to the
TMCM-013 Manual.
Wiring note:
The TMCM-013 comes with a 16 pin and 4 pin
(B4B-PH-SM3-TB series PH-connectors) with about 20cm
cables for each pin. If you achieved a PANdrive the TMCM-013
is mounted on a motor with connection already done.
Otherwise you have to take care for an appropriate cables.
GND
GND
Step
0V
constant
velocity
Dir
+5V
0V
rotating
direction
Decelleration
+5V
Step / Direction Generator
GND
TMCM-013
Pin 1
Power-
supply
12..24V
Motor
+
-
Pin 16
1
2
3
8
4
7
9
6
RS485 -
RS485+
GND
+5V
GND
STEP
DIR
VCOM
GND
VS
RS232
to
RS485
+-
Starting up:
You will need
Precautions


유사한 부품 번호 - PD-013_1

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
PD-013-42 TRINAMIC-PD-013-42 Datasheet
252Kb / 1P
   42mm / NEMA17 Stepper Motor with Step / DirectionDriver
More results

유사한 설명 - PD-013_1

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
PD-109 TRINAMIC-PD-109_06 Datasheet
186Kb / 2P
   High power stepper motor motion system
TMCM-310 TRINAMIC-TMCM-310_07 Datasheet
222Kb / 2P
   3-Axis Stepper Motor Motion Control Module
TMC429 TRINAMIC-TMC429 Datasheet
339Kb / 1P
   Three Axis universal motion controller for stepper motor drivers
logo
National Instruments Co...
NI7330 NI-NI7330 Datasheet
113Kb / 2P
   Low-Cost Stepper Motion Controllers
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
   STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
   Stepper motor
EMMS-ST-42-S-SB-G2 FESTO-EMMS-ST-42-S-SB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-57-S-SB-G2 FESTO-EMMS-ST-57-S-SB-G2 Datasheet
80Kb / 1P
   Stepper motor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com