전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBL5704 데이터시트(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 QBL5704
부품 상세설명  57mm 4pole BLDC motor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL5704 데이터시트(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  QBL5704 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOTORS
QMOT BLDC MOTORS
QBL
5704
57 mm
4 pole
BLDC motor
www.trinamic.com – for detailed information and datasheets
10 mm
INFO
M A IN CH A R AC T ER IS T ICS
These BLDC motors give a good fit to the TRINAMIC family of
high current BLDC motor modules. They are also used in the
PANdrive mechatronics family.
ORDER CODE
DESCRIPTION
QBL5704-94-04-032
QMot BLDC motor 57 mm, 4000RPM, 0.32Nm
QBL5704-116-04-042
QMot BLDC motor 57 mm, 4000RPM, 0.42Nm
No. of poles: 4
No. of phases: 3
nominal 4000 RPM at rated torque
round flange max. 57 mm
8 mm shaft diameter, 25 mm length
2nd shaft for encoder mounting
typical 36V operating voltage,
24V or 48V possible
integrated hall sensors
CE approved
RoHS compliant
SPECIFICATIONS
UNIT
-94-04-32
-116-04-42
Rated current (typ.)
A
5
6.6
Line resistance at 20°C
0.45
0.35
Line inductance (typ.)
mH
1.4
1
Rated torque (typ.)
Nm
0.32
0.42
Max. peak torque
Nm
0.98
1.30
Max. peak current
A
16.5
20.5
Torque constant
Nm/A
0.063
0.063
Weight (mass)
kg
1.20
1.40
Motor length
mm
94.0
116.0
Related PAN-drive
Type
PD4-...-57
PD5-...-57
79


유사한 부품 번호 - QBL5704

제조업체부품명데이터시트부품 상세설명
CINCON ELECTRONICS Corporation
CINCON ELECTRONICS Corp...
QBL127 CINCON-QBL127 Datasheet
422Kb / 12P
   HEATSINK KIT for DC/DC CONVERTERS
Schneider Electric
Schneider Electric
QBL22000S22 SCHNEIDER-QBL22000S22 Datasheet
130Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 240V 225 A Q-Frame
QBL22070 SCHNEIDER-QBL22070 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 70 A
QBL22080 SCHNEIDER-QBL22080 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 80 A
QBL22090 SCHNEIDER-QBL22090 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 90 A
More results

유사한 설명 - QBL5704

제조업체부품명데이터시트부품 상세설명
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
PD-170 TRINAMIC-PD-170 Datasheet
107Kb / 2P
   57mm BLDC Motor mit intelligenter Elektronik and Serieller Schnittstelle
PD-170 TRINAMIC-PD-170_1 Datasheet
148Kb / 2P
   57mm BLDC Motor with Intelligent Electronics and Serial Interface
PD-170-57 TRINAMIC-PD-170-57 Datasheet
311Kb / 1P
   57mm diameter BLDC Encoder Motor with Controller/Driver and Serial Interface
Melexis Microelectronic Systems
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
   BLDC Motor Controller
MLX81200 MELEXIS-MLX81200 Datasheet
341Kb / 15P
   BLDC Motor Controller
MLX81205 MELEXIS-MLX81205_15 Datasheet
679Kb / 18P
   BLDC Motor Controller
TRINAMIC Motion Control GmbH & Co. KG.
TRINAMIC Motion Control...
QBL4208 TRINAMIC-QBL4208_10 Datasheet
380Kb / 14P
   BLDC motor modules.
List of Unclassifed Manufacturers
List of Unclassifed Man...
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
   57mm Brushless DC Motor, 60W, 24V
Infineon Technologies AG
Infineon Technologies A...
TLE9563-3QX INFINEON-TLE9563-3QX Datasheet
7Mb / 275P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
List of Unclassifed Manufacturers
List of Unclassifed Man...
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
   57mm Brushless DC Motor, 120W, 24V
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz