전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBL4208-81-04-019 데이터시트(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 QBL4208-81-04-019
상세설명  42mm 8pole BLDC motor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QBL4208-81-04-019 데이터시트(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  QBL4208-81-04-019 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOTORS
QMOT BLDC MOTORS
www.trinamic.com – for detailed information and datasheets
10 mm
INFO
M A IN CH A R AC T ER IS T ICS
These BLDC motors give a good fit to the TRINAMIC family of
medium and high current BLDC motor modules.
ORDER CODE
DESCRIPTION
QBL4208-41-04-006
QMot BLDC motor 42 mm, 4000RPM, 0.06Nm
QBL4208-61-04-013
QMot BLDC motor 42 mm, 4000RPM, 0.13Nm
QBL4208-81-04-019
QMot BLDC motor 42 mm, 4000RPM, 0.19Nm
QBL4208-100-04-025
QMot BLDC motor 42 mm, 4000RPM, 0.25Nm
No. of poles: 8
No. of phases: 3
nominal 4000 RPM at rated torque
stepper compatible 42 mm flange
5 mm axis diameter, 20 mm length
typical 24V operating voltage
up to 48V possible
integrated hall sensors
CE approved
RoHS compliant
SPECIFICATIONS
UNIT
-41-04-006
-61-04-013
-81-04-019
-100-04-025
Rated current (typ.)
A
1.8
3.5
5.2
6.9
Line resistance
1.8
0.72
0.55
0.28
Line inductance
mH
2.6
1.2
0.8
0.54
Rated torque (typ.)
Nm
0.0625
0.125
0.185
0.25
Max. peak torque
Nm
0.19
0.38
0.56
0.75
Max. peak current
A
5.4
10.6
15.5
20
Torque constant
Nm/A
0.035
0.036
0.036
0.036
Weight (mass)
kg
0.30
0.45
0.65
0.80
Motor length
mm
41
61
81
100
Related PAN-drive
Type
PD1-...-42
PD2-...-42
PD3-...-42
PD4-...-42
QBL
4208
42 mm
8 pole
BLDC motor
78


유사한 부품 번호 - QBL4208-81-04-019

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
QBL4208-81-04-019 TRINAMIC-QBL4208-81-04-019 Datasheet
380Kb / 14P
   BLDC motor modules.
More results

유사한 설명 - QBL4208-81-04-019

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
   42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
logo
Lin Eng. Inc.
BL17E19-02 LINENGINEERING-BL17E19-02 Datasheet
328Kb / 3P
   BLDC MOTOR
BL23E33-02-Y05-A0-B12F LINENGINEERING-BL23E33-02-Y05-A0-B12F Datasheet
339Kb / 4P
   BLDC MOTOR
BL23E48-02-Y05-A0-B12F LINENGINEERING-BL23E48-02-Y05-A0-B12F Datasheet
337Kb / 4P
   BLDC MOTOR
BL23E22-01 LINENGINEERING-BL23E22-01 Datasheet
335Kb / 3P
   BLDC MOTOR
BL23E22-02 LINENGINEERING-BL23E22-02 Datasheet
335Kb / 3P
   BLDC MOTOR
BL23E33-01 LINENGINEERING-BL23E33-01 Datasheet
334Kb / 3P
   BLDC MOTOR
BL34E21-02 LINENGINEERING-BL34E21-02 Datasheet
332Kb / 3P
   BLDC MOTOR
BL17E19-01 LINENGINEERING-BL17E19-01 Datasheet
328Kb / 3P
   BLDC MOTOR
BL23E22-02-Y05-A0-B12F LINENGINEERING-BL23E22-02-Y05-A0-B12F Datasheet
343Kb / 4P
   BLDC MOTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com