전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FZT1149A 데이터시트(HTML) 4 Page - Zetex Semiconductors

부품명 FZT1149A
상세내용  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo 

FZT1149A 데이터시트(HTML) 4 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 4 / 4 page
background image
FZT1149A
100µs
Pulse Width
Transient Thermal Resistance
0
D=0.2
D=0.1
D=0.05
D=0.5
Single Pulse
D=t1
tP
t1
tP
1ms
10ms 100ms
1s
10s
100s
Derating curve
0
0
T - Ambient Temperature (°C)
D = 1
10
20
30
40
50
20
40
60
80
100
120
140
160
1
2
3
4
THERMAL CHARACTERISTICS
SPICE PARAMETERS
*ZETEX FZT1149A Spice model Last revision 10/1/97
*
.MODEL
FZT1149A PNP IS =9.5e-13 NF=1.002 ISE=1.2e-13 NE =1.4
+
BF =520 VAF=24.97 IKF=5 NR =0.997
+
ISC=4.5E-13 NC =1.25 BR = 40 VAR=2.51 IKR=0.7
+
RE =20e-3 RB =150e-3 RC =10e-3 CJE=490e-12
+
CJC=150e-12 VJC=1.094 MJC= 0.4739 TF =1e-9 TR = 3.5e-9
*
*
© 1995 ZETEX PLC
The copyright in this model and the design embodied belong to Zetex PLC (“Zetex”). It is supplied
free of charge by Zetex for the purpose of research and design and may be used or copied intact
(including this notice) for that purpose only. All other rights are reserved. The model is believed
accurate but no condition or warranty as to its merchantability or fitness for purpose is given and
no liability in respect of any use is accepted by Zetex PLC, its distributors or agents.


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn