전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1T58GF 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AUP1T58GF
상세설명  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T58GF 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1T58GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1T58GF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74AUP1T58_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 29 September 2009
7 of 17
NXP Semiconductors
74AUP1T58
Low-power configurable gate with voltage-level translator
VOH
HIGH-level output voltage
VI = VT+ or VT−
IO = −20 µA; VCC = 2.3 V to 3.6 V
VCC − 0.1
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-level output voltage
VI = VT+ or VT−
IO = 20 µA; VCC = 2.3 V to 3.6 V
-
-
0.1
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.5
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 2.3 V to 3.6 V
-
-
1.5
µA
∆ICC
additional supply current
VCC = 2.3 V to 2.7 V; IO = 0 A
[1] --
4
µA
VCC = 3.0 V to 3.6 V; IO = 0 A
[2] --
12
µA
Tamb = −40 °C to +125 °C
VT+
positive-going threshold
voltage
VCC = 2.3 V to 2.7 V
0.60
-
1.10
V
VCC = 3.0 V to 3.6 V
0.75
-
1.19
V
VT−
negative-going threshold
voltage
VCC = 2.3 V to 2.7 V
0.33
-
0.64
V
VCC = 3.0 V to 3.6 V
0.46
-
0.85
V
VH
hysteresis voltage
(VH = VT+ − VT−)
VCC = 2.3 V to 2.7 V
0.10
-
0.60
V
VCC = 3.0 V to 3.6 V
0.15
-
0.56
V
VOH
HIGH-level output voltage
VI = VT+ or VT−
IO = −20 µA; VCC = 2.3 V to 3.6 V
VCC − 0.11 -
-
V
IO = −2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VT+ or VT−
IO = 20 µA; VCC = 2.3 V to 3.6 V
-
-
0.11
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AUP1T58GF

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1T58GM NEXPERIA-74AUP1T58GM Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58GN NEXPERIA-74AUP1T58GN Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58GS NEXPERIA-74AUP1T58GS Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
74AUP1T58GW NEXPERIA-74AUP1T58GW Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
More results

유사한 설명 - 74AUP1T58GF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
logo
NXP Semiconductors
74AUP1T98 NXP-74AUP1T98 Datasheet
99Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-6 March 2008
logo
Nexperia B.V. All right...
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com