전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP2T1326GF 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AUP2T1326GF
상세설명  Low-power dual supply buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2T1326GF 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2T1326GF Datasheet HTML 7Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 8Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 9Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 10Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 11Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 12Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 13Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 14Page - NXP Semiconductors 74AUP2T1326GF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AUP2T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 July 2009
11 of 16
NXP Semiconductors
74AUP2T1326
Low-power dual supply buffer/line driver; 3-state
13. Transfer characteristics
14. Waveforms transfer characteristics
Table 11.
Transfer characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 5.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VT+
positive-going
threshold voltage
nOE inputs; see Figure 6 and
Figure 7
VCC(A) = 1.65 V
0.91
-
1.29
0.91
1.29
V
VCC(A) = 2.3 V
1.37
-
1.77
1.37
1.77
V
VT−
negative-going
threshold voltage
nOE inputs; see Figure 6 and
Figure 7
VCC(A) = 1.65 V
0.47
-
0.84
0.47
0.84
V
VCC(A) = 2.3 V
0.69
-
1.04
0.69
1.04
V
VH
hysteresis voltage
nOE inputs; (VT+ − VT−);
see Figure 6, Figure 7 and
Figure 8
VCC(A) = 1.65 V
0.27
-
0.66
0.27
0.66
V
VCC(A) = 2.3 V
0.53
-
0.92
0.53
0.92
V
VT+ and VT− limits at 70 % and 20 %.
Fig 6.
Transfer characteristic
Fig 7.
Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


유사한 부품 번호 - 74AUP2T1326GF

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP2T1326GF NEXPERIA-74AUP2T1326GF Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
More results

유사한 설명 - 74AUP2T1326GF

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com