전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH1T45 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AVCH1T45
상세설명  Dual supply translating transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH1T45 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AVCH1T45_09 Datasheet HTML 5Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 6Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 7Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 8Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 9Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 10Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 11Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 12Page - NXP Semiconductors 74AVCH1T45_09 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74AVCH1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 5 May 2009
9 of 22
NXP Semiconductors
74AVCH1T45
Dual supply translating transceiver; 3-state
[1]
In order to guarantee the node switches, an external driver must source/sink at least IBHLO / IBHHO when the input is in the range VIL to
VIH.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCI is the supply voltage associated with the data input port.
IBHLO
bus hold LOW
overdrive current
A or B port
[1]
VCC(A) = VCC(B) = 1.6 V
125
-
-
µA
VCC(A) = VCC(B) = 1.95 V
200
-
-
µA
VCC(A) = VCC(B) = 2.7 V
300
-
-
µA
VCC(A) = VCC(B) = 3.6 V
500
-
-
µA
IBHHO
bus hold HIGH
overdrive current
A or B port
[1]
VCC(A) = VCC(B) = 1.6 V
−125
-
-
µA
VCC(A) = VCC(B) = 1.95 V
−200
-
-
µA
VCC(A) = VCC(B) = 2.7 V
−300
-
-
µA
VCC(A) = VCC(B) = 3.6 V
−500
-
-
µA
IOZ
OFF-state output
current
A or B port; VO = 0 V or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[2] --
±7.5
µA
IOFF
power-off leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±35
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±35
µA
ICC
supply current
A port; VI = 0 V or VCCI; IO = 0 A
[3]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
--
12
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
-
12
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
−80
-
µA
B port; VI = 0 V or VCCI; IO = 0 A
[3]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
--
12
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
−80
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
-
12
µA
A plus B port (ICC(A) + ICC(B)); IO = 0 A;
VI = GND or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
[3] --
24
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AVCH1T45_09

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVCH1T45-Q100 NEXPERIA-74AVCH1T45-Q100 Datasheet
786Kb / 21P
   Dual-supply voltage level translator/transceiver 3-state
logo
Texas Instruments
74AVCH1T45DBVRE4 TI-74AVCH1T45DBVRE4 Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
74AVCH1T45DBVRG4 TI-74AVCH1T45DBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
74AVCH1T45DBVTE4 TI-74AVCH1T45DBVTE4 Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
74AVCH1T45DBVTG4 TI-74AVCH1T45DBVTG4 Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results

유사한 설명 - 74AVCH1T45_09

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com