전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH1T45GM 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AVCH1T45GM
상세설명  Dual supply translating transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH1T45GM 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AVCH1T45GM Datasheet HTML 2Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 3Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 4Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 5Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 6Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 7Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 8Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 9Page - NXP Semiconductors 74AVCH1T45GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
74AVCH1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 5 May 2009
6 of 22
NXP Semiconductors
74AVCH1T45
Dual supply translating transceiver; 3-state
VIL
LOW-level input
voltage
data input
[3]
VCCI = 0.8 V
-
-
0.3VCCI
V
VCCI = 1.1 V to 1.95 V
-
-
0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
DIR input
VCCI = 0.8 V
-
-
0.3VCC(A)
V
VCCI = 1.1 V to 1.95 V
-
-
0.35VCC(A)
V
VCCI = 2.3 V to 2.7 V
-
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[2] VCCO − 0.1
-
-
V
IO = −3 mA; VCC(A) = VCC(B) = 1.1 V
0.85
-
-
V
IO = −6 mA; VCC(A) = VCC(B) = 1.4 V
1.05
-
-
V
IO = −8 mA; VCC(A) = VCC(B) = 1.65 V
1.2
-
-
V
IO = −9 mA; VCC(A) = VCC(B) = 2.3 V
1.75
-
-
V
IO = −12 mA; VCC(A) = VCC(B) = 3.0 V
2.3
-
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
-
0.1
V
IO = 3 mA; VCC(A) = VCC(B) = 1.1 V
-
-
0.25
V
IO = 6 mA; VCC(A) = VCC(B) = 1.4 V
-
-
0.35
V
IO = 8 mA; VCC(A) = VCC(B) = 1.65 V
-
-
0.45
V
IO = 9 mA; VCC(A) = VCC(B) = 2.3 V
-
-
0.55
V
IO = 12 mA; VCC(A) = VCC(B) = 3.0 V
-
-
0.7
V
II
input leakage
current
DIR input; VI = 0 V to 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
--
±1
µA
IBHL
bus hold LOW
current
A or B port
VI = 0.49 V; VCC(A) = VCC(B) = 1.4 V
15
-
-
µA
VI = 0.58 V; VCC(A) = VCC(B) = 1.65 V
25
-
-
µA
VI = 0.70 V; VCC(A) = VCC(B) = 2.3 V
45
-
-
µA
VI = 0.80 V; VCC(A) = VCC(B) = 3.0 V
100
-
-
µA
IBHH
bus hold HIGH
current
A or B port
VI = 0.91 V; VCC(A) = VCC(B) = 1.4 V
−15
-
-
µA
VI = 1.07 V; VCC(A) = VCC(B) = 1.65 V
−25
-
-
µA
VI = 1.60 V; VCC(A) = VCC(B) = 2.3 V
−45
-
-
µA
VI = 2.00 V; VCC(A) = VCC(B) = 3.0 V
−100
-
-
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AVCH1T45GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH1T45GM NXP-74AVCH1T45GM Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AVCH1T45GM NEXPERIA-74AVCH1T45GM Datasheet
315Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 6.1 -1 March 2022
More results

유사한 설명 - 74AVCH1T45GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com