전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC2T45GT 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AVC2T45GT
상세설명  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GT 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AVC2T45GT Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
74AVC2T45_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
7 of 32
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
VOH
HIGH-level output
voltage
VI = VIH
IO = −100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[1] VCCO − 0.1
-
-
V
IO = −3 mA; VCC(A) = VCC(B) = 1.1 V
0.85
-
-
V
IO = −6 mA; VCC(A) = VCC(B) = 1.4 V
1.05
-
-
V
IO = −8 mA; VCC(A) = VCC(B) = 1.65 V
1.2
-
-
V
IO = −9 mA; VCC(A) = VCC(B) = 2.3 V
1.75
-
-
V
IO = −12 mA; VCC(A) = VCC(B) = 3.0 V
2.3
-
-
V
VOL
LOW-level output
voltage
VI = VIL
IO = 100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
-
0.1
V
IO = 3 mA; VCC(A) = VCC(B) = 1.1 V
-
-
0.25
V
IO = 6 mA; VCC(A) = VCC(B) = 1.4 V
-
-
0.35
V
IO = 8 mA; VCC(A) = VCC(B) = 1.65 V
-
-
0.45
V
IO = 9 mA; VCC(A) = VCC(B) = 2.3 V
-
-
0.55
V
IO = 12 mA; VCC(A) = VCC(B) = 3.0 V
-
-
0.7
V
II
input leakage
current
DIR input; VI = GND to VCC(A);
VCC(A) =VCC(B) = 0.8 V to 3.6 V
--
±1.0
µA
IOZ
OFF-state output
current
A or B port; VO = GND or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[1] --
±5.0
µA
IOFF
power-off leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V;VCC(B) = 0.8 V to 3.6 V
--
±5.0
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±5.0
µA
ICC
supply current
A port; VI = GND or VCCI; IO = 0 A
[2]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
-
8.0
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
-
8.0
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
−20
-
µA
B port; VI = GND or VCCI; IO = 0 A
[2]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
-
8.0
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
−20
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
-
8.0
µA
A plus B port (ICC(A) + ICC(B)); IO = 0 A;
VI = GND or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
[2] --
16
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V). All unused data inputs of the device
must be held at VCCI or GND to ensure proper device operation.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AVC2T45GT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC2T45GT NXP-74AVC2T45GT Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45GT NXP-74AVC2T45GT Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45GT NEXPERIA-74AVC2T45GT Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVC2T45GT-Q100 NEXPERIA-74AVC2T45GT-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
More results

유사한 설명 - 74AVC2T45GT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com