전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GDZJ33 데이터시트(PDF) 4 Page - Diotech Company.

부품명 GDZJ33
상세설명  500mW EPITAXIAL ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTECH [Diotech Company.]
홈페이지  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GDZJ33 데이터시트(HTML) 4 Page - Diotech Company.

  GDZJ33 Datasheet HTML 1Page - Diotech Company. GDZJ33 Datasheet HTML 2Page - Diotech Company. GDZJ33 Datasheet HTML 3Page - Diotech Company. GDZJ33 Datasheet HTML 4Page - Diotech Company. GDZJ33 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATINGS AND CHARACTERISTIC CURVES
GDZJ - SERIES
Fig. 1 Thermal Resistance vs. Lead Length
Fig. 2 Total Power Dissipation vs. Ambient Temperature
Fig. 3 Typical Change of Working Voltage under Operating
Conditions at Tamb=25°C
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length( mm )
l
l
TL=constant
0
40
80
120
160
0
100
300
400
500
600
Tamb– Ambient Temperature(°C )
200
200
0
5
10
15
20
1
10
100
1000
V Z – Z-Voltage(V )
25
IZ=5mA
Tj=25°C
Fig. 4 Typical Change of Working Voltage vs. Junction
Temperature
Fig. 5 Temperature Coefficient of Vz vs. Z-Voltage
Fig. 6 Diode Capacitance vs. Z-Voltage
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature (°C )
240
V Ztn=VZt/VZ(25°C)
TKVZ=10 x 10–4/K
8 x 10–4/K
–4 x 10–4/K
6 x 10–4/K
4 x 10–4/K
2 x 10–4/K
–2 x 10–4/K
0
0
10
20
30
–5
0
5
10
15
V Z – Z-Voltage(V )
50
40
IZ=5mA
0
5
10
15
0
50
100
150
200
V Z – Z-Voltage(V )
25
20
Tj=25°C
V R=2V


유사한 부품 번호 - GDZJ33

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
GDZJ33 DAESAN-GDZJ33 Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Pan Jit International I...
GDZJ33 PANJIT-GDZJ33 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
GDZJ33A PANJIT-GDZJ33A Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ33A FRONTIER-GDZJ33A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
logo
Pan Jit International I...
GDZJ33B PANJIT-GDZJ33B Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
More results

유사한 설명 - GDZJ33

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
   500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
TZX2V4 DIODES-TZX2V4 Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com