전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC2G32 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC2G32
상세설명  Dual 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G32 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC2G32 Datasheet HTML 5Page - NXP Semiconductors 74HC2G32 Datasheet HTML 6Page - NXP Semiconductors 74HC2G32 Datasheet HTML 7Page - NXP Semiconductors 74HC2G32 Datasheet HTML 8Page - NXP Semiconductors 74HC2G32 Datasheet HTML 9Page - NXP Semiconductors 74HC2G32 Datasheet HTML 10Page - NXP Semiconductors 74HC2G32 Datasheet HTML 11Page - NXP Semiconductors 74HC2G32 Datasheet HTML 12Page - NXP Semiconductors 74HC2G32 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74HC_HCT2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2009
10 of 13
NXP Semiconductors
74HC2G32; 74HCT2G32
Dual 2-input OR gate
Fig 10. Package outline SOT996-2 (XSON8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT996-2
- - -
- - -
SOT996-2
07-12-18
07-12-21
UNIT
A
max
mm
0.5
0.05
0.00
0.35
0.15
3.1
2.9
0.5
1.5
0.5
0.3
0.6
0.4
0.1
0.05
A1
DIMENSIONS (mm are the original dimensions)
XSON8U: plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3 x 2 x 0.5 mm
0
1
2 mm
scale
b
D
2.1
1.9
E
e
e1
L
L1
0.15
0.05
L2
v
w
0.05
y
y1
0.1
C
y
C
y1
X
b
14
85
e1
e
A
C
B
v M
C
w M
L2
L1
L
terminal 1
index area
B
A
D
E
detail X
A
A1


유사한 부품 번호 - 74HC2G32

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC2G32 PHILIPS-74HC2G32 Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HC2G32 NEXPERIA-74HC2G32 Datasheet
212Kb / 12P
   Dual 2-input OR gate
Rev. 6 - 8 February 2019
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
211Kb / 12P
   Dual 2-input OR gate
Rev. 3 - 8 February 2019
logo
NXP Semiconductors
74HC2G32DC PHILIPS-74HC2G32DC Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
More results

유사한 설명 - 74HC2G32

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com