전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC3G14DP 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74HC3G14DP
상세설명  Triple inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G14DP 데이터시트(HTML) 4 Page - NXP Semiconductors

  74HC3G14DP Datasheet HTML 1Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 2Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 3Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74HC_HCT3G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2009
4 of 18
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
10. Recommended operating conditions
11. Static characteristics
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
74HC3G14
74HCT3G14
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
−40
+25
+125
−40
+25
+125
°C
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC3G14
VOH
HIGH-level
output voltage
VI = VT+ or VT−
IO = −20 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −20 µA; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
4.18
4.32
-
4.13
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
5.68
5.81
-
5.63
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VT+ or VT−
IO = 20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
-
±1.0
µA
ICC
supply current per input pin; VCC = 6.0 V;
VI =VCC or GND; IO =0A;
-
-
1.0
-
10
-
20
µA
CI
input
capacitance
-
2.0
-
-
-
-
-
pF
74HCT3G14
VOH
HIGH-level
output voltage
VI = VT+ or VT−
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 4.5 V
4.18
4.32
-
4.13
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 5.5 V
-
-
±0.1
-
±1.0
-
±1.0
µA


유사한 부품 번호 - 74HC3G14DP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC3G14DP PHILIPS-74HC3G14DP Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HC3G14DP NEXPERIA-74HC3G14DP Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14DP-Q100 NEXPERIA-74HC3G14DP-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
74HC3G14DP-Q100 NEXPERIA-74HC3G14DP-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
More results

유사한 설명 - 74HC3G14DP

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com