전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC259BQ 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC259BQ
상세설명  8-bit addressable latch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259BQ 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC259BQ Datasheet HTML 6Page - NXP Semiconductors 74HC259BQ Datasheet HTML 7Page - NXP Semiconductors 74HC259BQ Datasheet HTML 8Page - NXP Semiconductors 74HC259BQ Datasheet HTML 9Page - NXP Semiconductors 74HC259BQ Datasheet HTML 10Page - NXP Semiconductors 74HC259BQ Datasheet HTML 11Page - NXP Semiconductors 74HC259BQ Datasheet HTML 12Page - NXP Semiconductors 74HC259BQ Datasheet HTML 13Page - NXP Semiconductors 74HC259BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT259_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 February 2009
10 of 21
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTHL and tTLH.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
th
hold time
D to LE; see Figure 10
and Figure 11
VCC = 4.5 V
0
−8-
0
-
0
-
ns
An to LE; see Figure 10
and Figure 11
VCC = 4.5 V
0
−4-
0
-
0
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI = GND to VCC − 1.5 V
[4]
-19
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
°C
−40 °Cto+85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Data input to output propagation delays
001aah123
D input
Qn output
tPHL
tPLH
GND
VCC
VM
VM
VOH
VOL


유사한 부품 번호 - 74HC259BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC259BQ NXP-74HC259BQ Datasheet
174Kb / 23P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
Nexperia B.V. All right...
74HC259BQ NEXPERIA-74HC259BQ Datasheet
316Kb / 18P
   8-bit addressable latch
Rev. 8 - 5 December 2022
logo
NXP Semiconductors
74HC259BQ-Q100 NXP-74HC259BQ-Q100 Datasheet
261Kb / 20P
   8-bit addressable latch
Rev. 1-30 July 2012
logo
Nexperia B.V. All right...
74HC259BQ-Q100 NEXPERIA-74HC259BQ-Q100 Datasheet
287Kb / 17P
   8-bit addressable latch
Rev. 2 - 2 September 2020
More results

유사한 설명 - 74HC259BQ

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com