전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZTA14 데이터시트(PDF) 1 Page - Zetex Semiconductors

부품명 FZTA14
상세설명  NPN SILICON PLANAR DARLINGTON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZTA14 데이터시트(HTML) 1 Page - Zetex Semiconductors

  FZTA14 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 NPN SILICON PLANAR
DARLINGTON TRANSISTOR
ISSUE 3 – JANUARY 1996
PARTMARKING DETAIL:-
DEVICE TYPE IN FULL
COMPLEMENTARY TYPE :-
FZTA64
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCES
30
V
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CES
30
V
IC=100µA, VBE=0
Collector Cut-Off
Current
ICBO
100
nA
VCB=30V, IE=0
Emitter Cut-Off Current IEBO
100
nA
VEB=10V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
1.5
1.6
V
V
IC=100mA, IB=0.1mA*
IC=1A, IB=1mA*
Base-Emitter
Turn-On Voltage
VBE(on)
2.0
V
IC=100mA, VCE=5V*
Base-Emitter
Saturation Voltage
VBE(sat)
2.0
2.2
V
V
IC=100mA, IB=0.1mA
IC=1A, IB=1mA
Static Forward Current
Transfer Ratio
hFE
10K
20K
5K
IC=10mA, VCE=5V*
IC=100mA, VCE=5V*
IC=1A, VCE=5V*
Transition Frequency
fT
170
MHz
IC=50mA, VCE=5V*
f=20MHz
*Measured under pulsed conditions. Pulse Width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
For typical characteristics graphs see FMMT38C datasheet.
FZTA14
SOT223
C
B
E
C
3 - 301


유사한 부품 번호 - FZTA14

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
FZTA14 DIODES-FZTA14 Datasheet
40Kb / 1P
   SOT223 NPN SILICON PLANAR
logo
List of Unclassifed Man...
FZTA14 ETC2-FZTA14 Datasheet
40Kb / 1P
   SOT223 NPN SILICON PLANAR DARLINGTON TRANSISTOR
FZTA14TA ETC2-FZTA14TA Datasheet
40Kb / 1P
   SOT223 NPN SILICON PLANAR DARLINGTON TRANSISTOR
More results

유사한 설명 - FZTA14

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
BCV49 ZETEX-BCV49 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
BCV29 ZETEX-BCV29 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Rohm
2SD1765 ROHM-2SD1765 Datasheet
46Kb / 1P
   EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
logo
Weitron Technology
PZTA14 WEITRON-PZTA14 Datasheet
182Kb / 4P
   Darlington NPN Silicon Planar Epitaxial Transistor
logo
Zetex Semiconductors
BST51 ZETEX-BST51 Datasheet
15Kb / 1P
   SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCV49 DIODES-BCV49 Datasheet
26Kb / 1P
   SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Rohm
2SD1646 ROHM-2SD1646 Datasheet
48Kb / 1P
   EPITAXIAL PLANAR NPN SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
FZTA14TA ETC2-FZTA14TA Datasheet
40Kb / 1P
   SOT223 NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Continental Device Indi...
CJF6388 CDIL-CJF6388 Datasheet
296Kb / 4P
   NPN SILICON PLANAR DARLINGTON POWER TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com