전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FZTA42 데이터시트(PDF) 1 Page - Zetex Semiconductors

부품명 FZTA42
상세설명  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZTA42 데이터시트(HTML) 1 Page - Zetex Semiconductors

  FZTA42 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 2 – NOVEMBER 93
7
FEATURES
* Suitable for video output stages in TV sets
and switch mode power supplies
* High breakdown voltage
COMPLIMENTARY TYPE – FZTA92
PARTMARKING DETAIL – DEVICE TYPE IN FULL
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5V
Base Current
IB
100
mA
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
µ
A
VCB=200V, IE=0
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=5V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=20mA, IB=2mA
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA
Static Forward Current
Transfer Ratio
hFE
25
40
40
IC=1mA, VCE=10V*
IC=10mA, VCE=10V*
IC=30mA, VCE=10V*
Transition
Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=20V, f=1MHz
* Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical characteristics graphs see FMMTA42 datasheet.
FZTA42
3 - 302
C
C
E
B


유사한 부품 번호 - FZTA42

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
FZTA42 KEXIN-FZTA42 Datasheet
35Kb / 1P
   NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FZTA42 DIODES-FZTA42 Datasheet
131Kb / 2P
   SOT223 NPN SILICON PLANAR
More results

유사한 설명 - FZTA42

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
   NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
   NPN Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
BSP19 ZETEX-BSP19 Datasheet
42Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX458 ZETEX-FCX458 Datasheet
18Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com