전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC594N 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74HC594N
상세설명  8-bit shift register with output register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC594N 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74HC594N Datasheet HTML 3Page - NXP Semiconductors 74HC594N Datasheet HTML 4Page - NXP Semiconductors 74HC594N Datasheet HTML 5Page - NXP Semiconductors 74HC594N Datasheet HTML 6Page - NXP Semiconductors 74HC594N Datasheet HTML 7Page - NXP Semiconductors 74HC594N Datasheet HTML 8Page - NXP Semiconductors 74HC594N Datasheet HTML 9Page - NXP Semiconductors 74HC594N Datasheet HTML 10Page - NXP Semiconductors 74HC594N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
74HC_HCT594_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
7 of 26
NXP Semiconductors
74HC594; 74HCT594
8-bit shift register with output register
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Type 74HC594
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr
rise time
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
tf
fall time
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
6.0
500
ns
VCC = 6.0 V
-
-
400
ns
Type 74HCT594
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr
rise time
VCC = 4.5 V
-
6.0
500
ns
tf
fall time
VCC = 4.5 V
-
6.0
500
ns
Table 6.
Static characteristics type 74HC594
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
Serial data output Q7S
IO = −4.0 mA; VCC = 4.5 V
3.98
4.32
-
V
IO = −5.2 mA; VCC = 6.0 V
5.48
5.81
-
V
Parallel data outputs
IO = −6.0 mA; VCC = 4.5 V
3.98
4.32
-
V
IO = −7.8 mA; VCC = 6.0 V
5.48
5.81
-
V


유사한 부품 번호 - 74HC594N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC594N PHILIPS-74HC594N Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
More results

유사한 설명 - 74HC594N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com