전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4060 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HCT4060
상세설명  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4060 Datasheet HTML 4Page - NXP Semiconductors 74HCT4060 Datasheet HTML 5Page - NXP Semiconductors 74HCT4060 Datasheet HTML 6Page - NXP Semiconductors 74HCT4060 Datasheet HTML 7Page - NXP Semiconductors 74HCT4060 Datasheet HTML 8Page - NXP Semiconductors 74HCT4060 Datasheet HTML 9Page - NXP Semiconductors 74HCT4060 Datasheet HTML 10Page - NXP Semiconductors 74HCT4060 Datasheet HTML 11Page - NXP Semiconductors 74HCT4060 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
8 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
VOL
LOW-level
output
voltage
RTC output; RS = VCC;
MR = GND
IO =20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 2.6 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
IO = 3.3 mA; VCC = 6.0 V
-
-
0.26
-
0.33
-
0.4
V
CTC output; RS = VIL;
MR = VIH
IO = 3.2 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
IO = 4.2 mA; VCC = 6.0 V
-
-
0.26
-
0.33
-
0.4
V
VI =VIH or VIL;
except RTC output
IO =20 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
VI =VIH or VIL;
except RTC and CTC outputs
IO = 4.0 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
-
±1.0
µA
ICC
supply
current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
8.0
-
80
-
160
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HCT4060
VIH
HIGH-level
input voltage
MR input;
VCC = 4.5 V to 5.5 V
[1]
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
MR input;
VCC = 4.5 V to 5.5 V
[1]
-
-
0.8
-
0.8
-
0.8
V
Table 5.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


유사한 부품 번호 - 74HCT4060

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT4060 PHILIPS-74HCT4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HCT4060-Q100 NXP-74HCT4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HCT4060-Q100 NEXPERIA-74HCT4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74HCT4060BQ NEXPERIA-74HCT4060BQ Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
More results

유사한 설명 - 74HCT4060

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com