전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4060D 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74HC4060D
상세설명  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4060D 데이터시트(HTML) 4 Page - NXP Semiconductors

  74HC4060D Datasheet HTML 1Page - NXP Semiconductors 74HC4060D Datasheet HTML 2Page - NXP Semiconductors 74HC4060D Datasheet HTML 3Page - NXP Semiconductors 74HC4060D Datasheet HTML 4Page - NXP Semiconductors 74HC4060D Datasheet HTML 5Page - NXP Semiconductors 74HC4060D Datasheet HTML 6Page - NXP Semiconductors 74HC4060D Datasheet HTML 7Page - NXP Semiconductors 74HC4060D Datasheet HTML 8Page - NXP Semiconductors 74HC4060D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
4 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as
supply pin or input.
Fig 5.
Pin configuration DIP16, SO16 and (T)SSOP16
Fig 6.
Pin configuration DHVQFN16
74HC4060
74HCT4060
Q11
VCC
Q12
Q9
Q13
Q7
Q5
Q8
Q4
MR
Q6
RS
Q3
RTC
GND
CTC
001aai115
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aai469
74HC4060
74HCT4060
Q3
RTC
Q6
RS
Q4
MR
Q5
Q8
Q13
Q7
Q12
Q9
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
Q11 to Q13
1, 2, 3
counter output
Q3 to Q9
7, 5, 4, 6, 14, 13, 15
counter output
GND
8
ground (0 V)
CTC
9
external capacitor connection
RTC
10
external resistor connection
RS
11
clock input /oscillator pin
MR
12
master reset input (active HIGH)
VCC
16
supply voltage


유사한 부품 번호 - 74HC4060D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4060D PHILIPS-74HC4060D Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
Nexperia B.V. All right...
74HC4060D NEXPERIA-74HC4060D Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HC4060D-Q100 NXP-74HC4060D-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4060D-Q100 NEXPERIA-74HC4060D-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
NXP Semiconductors
74HC4060DB PHILIPS-74HC4060DB Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
More results

유사한 설명 - 74HC4060D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com