전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4060DB 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74HC4060DB
상세설명  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4060DB 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4060DB Datasheet HTML 6Page - NXP Semiconductors 74HC4060DB Datasheet HTML 7Page - NXP Semiconductors 74HC4060DB Datasheet HTML 8Page - NXP Semiconductors 74HC4060DB Datasheet HTML 9Page - NXP Semiconductors 74HC4060DB Datasheet HTML 10Page - NXP Semiconductors 74HC4060DB Datasheet HTML 11Page - NXP Semiconductors 74HC4060DB Datasheet HTML 12Page - NXP Semiconductors 74HC4060DB Datasheet HTML 13Page - NXP Semiconductors 74HC4060DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
10 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
11. Dynamic characteristics
Table 6.
Dynamic characteristics
GND = 0 V; CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4060
tpd
propagation
delay
RS to Q3; see Figure 8
[1]
VCC = 2.0 V
-
99
300
-
375
-
450
ns
VCC = 4.5 V
-
36
60
-
75
-
90
ns
VCC = 5.0 V; CL =15pF
-
31
-
-
-
-
-
ns
VCC = 6.0 V
-
29
51
-
64
-
77
ns
Qn to Qn+1; see Figure 9
[2]
VCC = 2.0 V
-
22
80
-
100
-
120
ns
VCC = 4.5 V
-
8
16
-
20
-
24
ns
VCC = 5.0 V; CL =15pF
-
6
-
-
-
-
-
ns
VCC = 6.0 V
-
6
14
-
17
-
20
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 10
VCC = 2.0 V
-
55
175
-
220
-
265
ns
VCC = 4.5 V
-
20
35
-
44
-
53
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
16
30
-
37
-
45
ns
tt
transition time Qn; see Figure 8
[3]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
RS (HIGH or LOW);
see Figure 8
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
MR (HIGH); see Figure 10
VCC = 2.0 V
80
25
-
100
-
120
-
ns
VCC = 4.5 V
16
9
-
20
-
24
-
ns
VCC = 6.0 V
14
7
-
17
-
20
-
ns
trec
recovery time
MR to RS; see Figure 10
VCC = 2.0 V
100
28
-
125
-
150
-
ns
VCC = 4.5 V
20
10
-
25
-
30
-
ns
VCC = 6.0 V
17
8
-
21
-
26
-
ns


유사한 부품 번호 - 74HC4060DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4060DB PHILIPS-74HC4060DB Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
More results

유사한 설명 - 74HC4060DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com