전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC2GU04 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74HC2GU04
상세설명  Dual unbuffered inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2GU04 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74HC2GU04 Datasheet HTML 3Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 4Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 5Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 6Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 7Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 8Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 9Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 10Page - NXP Semiconductors 74HC2GU04 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74HC2GU04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
7 of 15
NXP Semiconductors
74HC2GU04
Dual unbuffered inverter
13. Additional characteristics
Table 9.
Measurement points
Input
Output
VM
VI
tr = tf
VM
0.5VCC
GND to VCC
6.0 ns
0.5VCC
Test data is given in Table 10.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
mgk563
D.U.T
VCC
VCC
VI
VO
RT
RL = 1 kΩ
CL
50 pF
open
PULSE
GENERATOR
Table 10.
Test data
Input
Test
VI
tr, tf
tPHL, tPLH
GND to VCC
6 ns
open
VO is constant.
Fig 7.
Test set-up for measuring forward transconductance
mna050
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A
GND
IO
VI
(f = 1 kHz)
g
fs
I
o
V
i
---------
=


유사한 부품 번호 - 74HC2GU04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
74HC2GU04GV NEXPERIA-74HC2GU04GV Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04GV-Q100 NEXPERIA-74HC2GU04GV-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
More results

유사한 설명 - 74HC2GU04

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com