전자부품 데이터시트 검색엔진 |
|
74HC2GU04GW 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
74HC2GU04GW 데이터시트(HTML) 3 Page - NXP Semiconductors |
3 / 15 page 74HC2GU04_1 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 01 — 6 October 2006 3 of 15 NXP Semiconductors 74HC2GU04 Dual unbuffered inverter 7. Functional description [1] H = HIGH voltage level; L = LOW voltage level. 8. Limiting values [1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For SC-88 and SC-74 packages: above 87.5 °C the value of P tot derates linearly with 4.0 mW/K. 9. Recommended operating conditions Table 4. Function table[1] Input Output nA nY LH HL Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V IIK input clamping current VI < −0.5 V or VI >VCC + 0.5 V [1] - ±20 mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V [1] - ±20 mA IO output current VO = −0.5 V to VCC + 0.5 V [1] - ±25 mA ICC supply current [1] - +50 mA IGND ground current [1] - −50 mA Tstg storage temperature −65 +150 °C Ptot total power dissipation [2] - 250 mW Table 6. Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 2.0 5.0 6.0 V VI input voltage 0 - VCC V VO output voltage 0 - VCC V Tamb ambient temperature −40 +25 +125 °C tr rise time except for Schmitt trigger inputs VCC = 2.0 V - - 1000 ns VCC = 4.5 V - - 500 ns VCC = 6.0 V - - 400 ns tf fall time except for Schmitt trigger inputs VCC = 2.0 V - - 1000 ns VCC = 4.5 V - - 500 ns VCC = 6.0 V - - 400 ns |
유사한 부품 번호 - 74HC2GU04GW |
|
유사한 설명 - 74HC2GU04GW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |