전자부품 데이터시트 검색엔진 |
|
AM1705 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
AM1705 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 155 page AM1705 www.ti.com SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010 • Trace Port provides real-time trace capability for the ARM9. • Triggering facilities provide trigger resources, which include address and data comparators, counter, and sequencers. The device trace port is not pinned out and is instead only connected to the Embedded Trace Buffer. The ETB has a 4KB buffer memory. ETB enabled debug tools are required to read/interpret the captured trace data. This device uses ETM9™ version r2p2 and ETB version r0p1. Documentation on the ETM and ETB is available from ARM Ltd. Reference the ' CoreSight™ ETM9™ Technical Reference Manual, revision r0p1' and the 'ETM9 Technical Reference Manual, revision r2p2'. 3.3.7 ARM Memory Mapping By default the ARM has access to most on and off chip memory areas, EMIFA, EMIFB, and the additional 128K byte on chip SRAM. Likewise almost all of the on chip peripherals are accessible to the ARM by default. See for a detailed top level device memory map that includes the ARM memory space. Copyright © 2010, Texas Instruments Incorporated Device Overview 11 Submit Documentation Feedback Product Folder Link(s): AM1705 |
유사한 부품 번호 - AM1705 |
|
유사한 설명 - AM1705 |