전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1806BZCED4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 AM1806BZCED4
상세설명  AM1806 ARM Microprocessor
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM1806BZCED4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button AM1806BZCED4 Datasheet HTML 4Page - Texas Instruments AM1806BZCED4 Datasheet HTML 5Page - Texas Instruments AM1806BZCED4 Datasheet HTML 6Page - Texas Instruments AM1806BZCED4 Datasheet HTML 7Page - Texas Instruments AM1806BZCED4 Datasheet HTML 8Page - Texas Instruments AM1806BZCED4 Datasheet HTML 9Page - Texas Instruments AM1806BZCED4 Datasheet HTML 10Page - Texas Instruments AM1806BZCED4 Datasheet HTML 11Page - Texas Instruments AM1806BZCED4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 241 page
background image
AM1806
SPRS658B – FEBRUARY 2010 – REVISED MAY 2010
www.ti.com
3
Device Overview
3.1
Device Characteristics
provides an overview of the device. The table shows significant features of the device, including the
capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 3-1. Characteristics of the device
HARDWARE FEATURES
AM1806
DDR2, 16-bit bus width, up to 150 MHz
DDR2/mDDR Controller
Mobile DDR, 16-bit bus width, up to 133 MHz
Asynchronous (8/16-bit bus width) RAM, Flash,
EMIFA
16-bit SDRAM, NOR, NAND
Flash Card Interface
MMC and SD cards supported.
64 independent channels, 16 QDMA channels,
EDMA3
2 channel controllers, 3 transfer controllers
4 64-Bit General Purpose (configurable as 2 separate 32-bit
Timers
timers, 1 configurable as Watch Dog)
UART
3 (each with RTS and CTS flow control)
SPI
2 (Each with one hardware chip select)
I2C
2 (both Master/Slave)
Multichannel Audio Serial Port [McASP]
1 (each with transmit/receive, FIFO buffer, 16 serializers)
Multichannel Buffered Serial Port [McBSP]
2 (each with transmit/receive, FIFO buffer, 16)
Peripherals
4 Single Edge, 4 Dual Edge Symmetric, or
eHRPWM
2 Dual Edge Asymmetric Outputs
Not all peripherals pins
are available at the
USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
same time (for more
General-Purpose Input/Output Port
9 banks of 16-bit
detail, see the Device
Configurations section). LCD Controller
1
Universal Parallel Port (uPP)
1
Video Port Interface (VPIF)
1 (video in and video out)
PRU Subsystem (PRUSS)
2 Programmable PRU Cores
Size (Bytes)
168KB RAM, 1088KB Boot ROM
ARM
16KB I-Cache
16KB D-Cache
On-Chip Memory
Organization
8KB RAM (Vector Table)
64KB ROM
ADDITIONAL MEMORY
128KB RAM
C674x CPU ID + CPU
Control Status Register (CSR.[31:16])
0x1400
Rev ID
C674x Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
JTAG BSDL_ID
DEVIDR0 Register
0x0B7D_102F
CPU Frequency
MHz
ARM926 375 MHz (1.2V) or 456 MHz (1.3V)
1.2 V nominal for 375 MHz verion
Core (V)
1.3 V nominal for 456 MHz verion
Voltage
I/O (V)
1.8V or 3.3 V
13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE)
Packages
16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT)
Product Preview (PP),
Product Status(1)
Advance Information (AI),
AI
or Production Data (PD)
(1)
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice.
8
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1806


유사한 부품 번호 - AM1806BZCED4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM1806BZCED4 TI-AM1806BZCED4 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806BZCED4 TI-AM1806BZCED4 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1806BZCED4 TI1-AM1806BZCED4 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806BZCED4 TI1-AM1806BZCED4 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results

유사한 설명 - AM1806BZCED4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com