전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60150 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60150
상세설명  TPS60150 5V/140mA Charge Pump Device
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60150 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS60150 Datasheet HTML 3Page - Texas Instruments TPS60150 Datasheet HTML 4Page - Texas Instruments TPS60150 Datasheet HTML 5Page - Texas Instruments TPS60150 Datasheet HTML 6Page - Texas Instruments TPS60150 Datasheet HTML 7Page - Texas Instruments TPS60150 Datasheet HTML 8Page - Texas Instruments TPS60150 Datasheet HTML 9Page - Texas Instruments TPS60150 Datasheet HTML 10Page - Texas Instruments TPS60150 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
20
s/div
m
20
s/div
m
5ms/div
5ms/div
500ns/div
500ns/div
TPS60150
www.ti.com.................................................................................................................................................. SLVS888A – DECEMBER 2008 – REVISED APRIL 2009
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
VIN = 2.7 V, Io = 30 mA to 50 mA
VIN = 3.6 V, Io = 60 mA to 100 mA
Figure 9.
Figure 10.
OUTPUT RIPPLE VOLTAGE (SKIP MODE)
OUTPUT RIPPLE VOLTAGE (SKIP MODE)
VIN = 2.7 V, Io = 0 mA
VIN = 3.6 V, Io = 0 mA
Figure 11.
Figure 12.
OUTPUT RIPPLE VOLTAGE (NORMAL MODE)
OUTPUT RIPPLE (NORMAL MODE)
VIN = 2.7 V, Io = 50 mA
VIN = 3.6 V, Io = 100 mA
Figure 13.
Figure 14.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS60150


유사한 부품 번호 - TPS60150

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVT TI-TPS60150DRVT Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results

유사한 설명 - TPS60150

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com