전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS61195 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS61195
상세설명  TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS61195 데이터시트(HTML) 23 Page - Texas Instruments

Back Button TPS61195 Datasheet HTML 19Page - Texas Instruments TPS61195 Datasheet HTML 20Page - Texas Instruments TPS61195 Datasheet HTML 21Page - Texas Instruments TPS61195 Datasheet HTML 22Page - Texas Instruments TPS61195 Datasheet HTML 23Page - Texas Instruments TPS61195 Datasheet HTML 24Page - Texas Instruments TPS61195 Datasheet HTML 25Page - Texas Instruments TPS61195 Datasheet HTML 26Page - Texas Instruments TPS61195 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
L1
10uH
D1
C3
4.7uF
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
OVP
V
IN
VDDIO
ISET
PGND2
AGND
TPS611 95
C2
1 uF
IFB7
IFB8
SW2
FSW
C1
4.7uF
PGND1
DPWM
4.5V~21V
R5
1M
SW1
R6
45.3K
EN
SEL1
FDPWM
FDIM
R1
65K
R3
523K
R2
43.2K
R4
953K
SDA
SCL
R7
R8
2K
2K
3.3V
R9
R10
10K
10K
C4
1uF
SMBus
Control
SEL2
VDDIO
L1
10uH
D1
C3
4.7uF
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
OVP
V
IN
VDDIO
ISET
PGND2
AGND
TPS611 95
C2
1 uF
IFB7
IFB8
SW2
FSW
C1
4.7uF
PGND1
DPWM
4.5V~21V
R5
1M
SW1
R6
45.3K
EN
SEL1
FDPWM
FDIM
R1
65K
R3
523K
R2
43.2K
R4
953K
SDA
SCL
R7
R8
2K
2K
C4
1uF
SEL2
TPS61195
www.ti.com
SLVSA07 – MAY 2010
Figure 23. Typical Application Circuit for SMBus Control interface and 6 Strings LED
Figure 24. Typical Application Circuit for 4 Strings 40mA LED
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS61195


유사한 부품 번호 - TPS61195

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUYR TI-TPS61195RUYR Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUYT TI-TPS61195RUYT Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
More results

유사한 설명 - TPS61195

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
[Old version datasheet]   SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Allegro MicroSystems
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
   The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Micrel Semiconductor
MIC3263 MICREL-MIC3263 Datasheet
1,020Kb / 32P
   Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com