전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G332GW 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74LVC1G332GW
상세설명  Single 3-input OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G332GW 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G332GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G332GW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
74LVC1G332_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2007
8 of 14
NXP Semiconductors
74LVC1G332
Single 3-input OR gate
13. Package outline
Fig 9.
Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


유사한 부품 번호 - 74LVC1G332GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G332GW PHILIPS-74LVC1G332GW Datasheet
82Kb / 15P
   Single 3-input OR gate
Rev. 01-11 October 2006
logo
Nexperia B.V. All right...
74LVC1G332GW NEXPERIA-74LVC1G332GW Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
74LVC1G332GW-Q100 NEXPERIA-74LVC1G332GW-Q100 Datasheet
198Kb / 11P
   3-input OR gate
More results

유사한 설명 - 74LVC1G332GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74LVC1G332 NEXPERIA-74LVC1G332 Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
logo
ON Semiconductor
NL17SZ332 ONSEMI-NL17SZ332 Datasheet
304Kb / 11P
   Single 3-Input OR Gate
September, 2020 ??Rev. 1
logo
NXP Semiconductors
74LVC1G332 PHILIPS-74LVC1G332 Datasheet
82Kb / 15P
   Single 3-input OR gate
Rev. 01-11 October 2006
logo
Texas Instruments
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com