전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH245ADB 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74LVCH245ADB
상세설명  Octal bus transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH245ADB 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74LVCH245ADB Datasheet HTML 2Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 3Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 4Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 5Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 6Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 7Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 8Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 9Page - NXP Semiconductors 74LVCH245ADB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC_LVCH245A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2009
6 of 17
NXP Semiconductors
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
[3]
For I/O ports the parameter IOZ includes the input leakage current.
[4]
Valid for data inputs of bus hold parts only (74LVCH245A). Note that control inputs do not have a bus hold circuit.
[5]
The specified sustaining current at the data input holds the input below the specified VI level.
[6]
The specified overdrive current at the data input forces the data input to the opposite input state.
10. Dynamic characteristics
CI
input capacitance
-
4.0
-
-
-
pF
CI/O
input/output
capacitance
-10
-
-
-
pF
IBHL
bus hold LOW
current
VCC = 3.0 V; VI = 0.8 V
[4][5]
75
-
-
60
-
µA
IBHH
bus hold HIGH
current
VCC = 3.0 V; VI = 2.0 V
[4][5]
−75
-
-
−60
-
µA
IBHLO
bus hold LOW
overdrive current
VCC = 3.6 V
[4][6]
500
-
-
500
-
µA
IBHHO
bus hold HIGH
overdrive current
VCC = 3.6 V
[4][6]
−500
-
-
−500
-
µA
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[2]
Max
Min
Max
tpd
propagation
delay
An to Bn; see Figure 5
[1]
VCC = 1.2 V
-
17.0
-
-
-
ns
VCC = 2.7 V
1.5
3.4
7.3
1.5
9.5
ns
VCC = 3.0 V to 3.6 V
[3]
1.5
2.9
6.3
1.5
8.0
ns
ten
enable time
OE to An or Bn; see Figure 6
[1]
VCC = 1.2 V
-
22.0
-
-
-
ns
VCC = 2.7 V
1.5
5.0
9.5
1.5
12.0
ns
VCC = 3.0 V to 3.6 V
[3]
1.5
4.0
8.5
1.5
11.0
ns
tdis
disable time
OE to An or Bn; see Figure 6
[1]
VCC = 1.2 V
-
12.0
-
-
-
ns
VCC = 2.7 V
1.5
3.6
8.0
1.5
10.0
ns
VCC = 3.0 V to 3.6 V
[3]
1.7
3.4
7.0
1.7
9.0
ns
tsk(o)
output skew
time
[4]
-
-
1.0
-
1.5
ns


유사한 부품 번호 - 74LVCH245ADB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVCH245ADB PHILIPS-74LVCH245ADB Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
More results

유사한 설명 - 74LVCH245ADB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com