전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT245D 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74LVT245D
상세설명  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245D 데이터시트(HTML) 2 Page - NXP Semiconductors

  74LVT245D Datasheet HTML 1Page - NXP Semiconductors 74LVT245D Datasheet HTML 2Page - NXP Semiconductors 74LVT245D Datasheet HTML 3Page - NXP Semiconductors 74LVT245D Datasheet HTML 4Page - NXP Semiconductors 74LVT245D Datasheet HTML 5Page - NXP Semiconductors 74LVT245D Datasheet HTML 6Page - NXP Semiconductors 74LVT245D Datasheet HTML 7Page - NXP Semiconductors 74LVT245D Datasheet HTML 8Page - NXP Semiconductors 74LVT245D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVT245_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2008
2 of 15
NXP Semiconductors
74LVT245
3.3 V octal transceiver with direction pin (3-state)
4.
Functional diagram
Fig 1.
Logic diagram
Fig 2.
IEC logic symbol
2
1
DIR
18
19
B0
B1
B2
B3
B4
B5
B6
B7
3
17
4
16
5
15
6
14
7
13
8
12
9
A0
A1
A2
A3
A4
A5
A6
A7
11
OE
mna174
17
3
1
19
2
1
16
4
15
5
14
6
13
7
12
8
11
9
18
G3
3EN1
3EN2
2
mna175


유사한 부품 번호 - 74LVT245D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT245D PHILIPS-74LVT245D Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245D NEXPERIA-74LVT245D Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245DB PHILIPS-74LVT245DB Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
More results

유사한 설명 - 74LVT245D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245B NXP-74LVT245B Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com