전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0801S040 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 ADC0801S040
상세설명  Single 8 bits ADC, up to 40 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0801S040 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button ADC0801S040 Datasheet HTML 6Page - NXP Semiconductors ADC0801S040 Datasheet HTML 7Page - NXP Semiconductors ADC0801S040 Datasheet HTML 8Page - NXP Semiconductors ADC0801S040 Datasheet HTML 9Page - NXP Semiconductors ADC0801S040 Datasheet HTML 10Page - NXP Semiconductors ADC0801S040 Datasheet HTML 11Page - NXP Semiconductors ADC0801S040 Datasheet HTML 12Page - NXP Semiconductors ADC0801S040 Datasheet HTML 13Page - NXP Semiconductors ADC0801S040 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADC0801S040_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 August 2008
10 of 19
NXP Semiconductors
ADC0801S040
Single 8 bits ADC, up to 40 MHz
Fig 4.
Timing diagram
sample N + 1
sample N
CLK
014aaa508
sample N + 2
sample N + 1
sample N
sample N + 2
50 %
VI
DATA
D0 to D7
VDDO
0 V
50 %
DATA
N + 1
DATA
N
DATA
N
− 1
DATA
N
− 2
td(o)
tw(clk)H
tw(clk)L
td(s)
th(o)


유사한 부품 번호 - ADC0801S040

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040TS IDT-ADC0801S040TS Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
More results

유사한 설명 - ADC0801S040

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com